Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8500 Datasheet(PDF) 45 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8500
Description  DP8520A/DP8521A/DP8522A microCMOS Programmable 256k/1M/4M Video RAM Controller/Drivers
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8500 Datasheet(HTML) 45 Page - National Semiconductor (TI)

Back Button DP8500 Datasheet HTML 41Page - National Semiconductor (TI) DP8500 Datasheet HTML 42Page - National Semiconductor (TI) DP8500 Datasheet HTML 43Page - National Semiconductor (TI) DP8500 Datasheet HTML 44Page - National Semiconductor (TI) DP8500 Datasheet HTML 45Page - National Semiconductor (TI) DP8500 Datasheet HTML 46Page - National Semiconductor (TI) DP8500 Datasheet HTML 47Page - National Semiconductor (TI) DP8500 Datasheet HTML 48Page - National Semiconductor (TI) DP8500 Datasheet HTML 49Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
120 Dual Accessing Functions (DP8522A) (Continued)
122 PORT B WAIT STATE SUPPORT (DP8522A)
Advanced transfer acknowledge for Port B ATACKB is
used for wait state support for Port B This output will be
asserted when RAS for the Port B access is asserted as
shown in
Figures 55 and 56 Once asserted this output will
stay asserted until AREQB is negated With external logic
ATACKB can be made to interface to any CPU’s wait input
as shown in
Figure 57
TLF9338 – A8
A) Extend ATACK to
T(
Clock) after RAS goes low
TLF9338 – A9
B) Extend ATACK to 1T after RAS goes low
TLF9338 – B0
C) Synchronize ATACKB to CPU B Clock This is useful if CPU B runs asyn-
chronous to the DP8522
FIGURE 57 Modifying Wait Logic for Port B
123 COMMON PORT A AND PORT B DUAL PORT
FUNCTIONS
An input LOCK and an output GRANTB add additional
functionality to the dual port arbitration logic LOCK allows
Port A or Port B to lock out the other port from the VRAM
When a Port is locked out of the VRAM wait states will be
inserted into its access cycle until it is allowed to access
memory GRANTB is used to multiplex the input control sig-
nals and addresses to the DP8522A
1231 GRANTB Output
The output GRANTB determines which port has current ac-
cess to the VRAM array GRANTB asserted signifies Port B
has access GRANTB negated signifies Port A has access
to the VRAM array
TLF9338 – B1
FIGURE 55 Non-Delayed Port B Access
TLF9338 – B2
FIGURE 56 Delayed Port B Access
45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com