Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4530 Datasheet(PDF) 34 Page - Analog Devices

Part # ADR4530
Description  Ultralow Noise, High Accuracy Voltage References
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4530 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADR4530 Datasheet HTML 30Page - Analog Devices ADR4530 Datasheet HTML 31Page - Analog Devices ADR4530 Datasheet HTML 32Page - Analog Devices ADR4530 Datasheet HTML 33Page - Analog Devices ADR4530 Datasheet HTML 34Page - Analog Devices ADR4530 Datasheet HTML 35Page - Analog Devices ADR4530 Datasheet HTML 36Page - Analog Devices ADR4530 Datasheet HTML 37Page - Analog Devices ADR4530 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Data Sheet
Rev. D | Page 34 of 40
APPLICATIONS INFORMATION
BASIC VOLTAGE REFERENCE CONNECTION
The circuit shown in Figure 107 shows the basic configuration
for the ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/
ADR4550 family of voltage references.
VIN
GND
VREF
BAND GAP
Figure 107. ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Simplified Schematic
INPUT AND OUTPUT CAPACITORS
Input Capacitors
A 1 μF to 10 μF electrolytic or ceramic capacitor can be connected
to the input to improve transient response in applications
where the supply voltage may fluctuate. It is recommended to
connect an additional 0.1 μF ceramic capacitor in parallel to
reduce supply noise.
Output Capacitors
An output capacitor is required for stability and to filter out
low level voltage noise. The minimum value of the output
capacitor (COUT) is shown in Table 13.
Table 13. Minimum COUT Value
Part Number
Minimum COUT Value
ADR4520, ADR4525
1.0 µF
ADR4530, ADR4533,
ADR4540, ADR4550
0.1 µF
An additional 1 μF to 10 μF electrolytic or ceramic capacitor can be
added in parallel to improve transient performance in response
to sudden changes in load current; however, doing so increases the
turn-on time of the device.
LOCATION OF REFERENCE IN SYSTEM
It is recommended to place the ADR4520/ADR4525/ADR4530/
ADR4533/ADR4540/ADR4550 reference as close to the load as
possible to minimize the length of the output traces and, therefore,
the error introduced by the voltage drop. Current flowing through
a PCB trace produces a voltage drop; with longer traces, this
drop can reach several millivolts or more, introducing considerable
error into the output voltage of the reference. A 1-inch long, 5 mm
wide trace of 1-ounce copper has a resistance of approximately
100 mΩ at room temperature; at a load current of 10 mA, this
resistance can introduce a full millivolt of error.
POWER DISSIPATION
The ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/
ADR4550 voltage references are capable of sourcing and sinking
up to 10 mA of load current at room temperature across the
rated input voltage range. However, when used in applications
subject to high ambient temperatures, the input voltage and
load current must be monitored carefully to ensure that the
device does not exceeded its maximum power dissipation rating.
The maximum power dissipation of the device can be calculated
using the following equation:
JA
A
J
D
T
T
P
θ
−
=
where:
PD is the device power dissipation.
TJ is the device junction temperature.
TA is the ambient temperature.
θJA is the package (junction to air) thermal resistance.
This relationship can cause acceptable load current in high
temperature conditions to be less than the maximum current
sourcing capability of the device. Do not operate the device
outside of its maximum power rating, because doing so can
result in premature failure or permanent damage to the device.
SAMPLE APPLICATIONS
Bipolar Output Reference
Figure 108 shows a bipolar reference configuration. By connecting
the output of the ADR4550 to the inverting terminal of an
operational amplifier, it is possible to obtain both positive and
negative reference voltages. R1 and R2 must be matched as closely
as possible to ensure minimal difference between the negative
and positive outputs. Resistors with low temperature
coefficients must also be used if the circuit is deployed in
environments with large temperature swings; otherwise, a voltage
difference develops between the two outputs as the ambient
temperature changes.
VIN
+15V
–15V
–5V
+5V
ADA4000-1
0.1µF
1µF
0.1µF
R1
10kΩ
R2
10kΩ
R3
5kΩ
ADR4550
VIN
VOUT
GND
2
6
4
Figure 108. ADR4550 Bipolar Output Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com