Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4530 Datasheet(PDF) 27 Page - Analog Devices

Part # ADR4530
Description  Ultralow Noise, High Accuracy Voltage References
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4530 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADR4530 Datasheet HTML 23Page - Analog Devices ADR4530 Datasheet HTML 24Page - Analog Devices ADR4530 Datasheet HTML 25Page - Analog Devices ADR4530 Datasheet HTML 26Page - Analog Devices ADR4530 Datasheet HTML 27Page - Analog Devices ADR4530 Datasheet HTML 28Page - Analog Devices ADR4530 Datasheet HTML 29Page - Analog Devices ADR4530 Datasheet HTML 30Page - Analog Devices ADR4530 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 40 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. D | Page 27 of 40
FREQUENCY (Hz)
–120
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
100M
10
100
1k
10k
100k
1M
10M
ADR4540
Figure 76. ADR4540 Ripple Rejection Ratio vs. Frequency
CH1 1.00V
CH2 1.00mV
B
W
M200µs
A CH1
7.02V
2
1
ADR4540
INPUT
OUTPUT AC
CIN = 0.1µF
COUT = 1µF
T
T 12.0%
Figure 77. ADR4540 Line Transient Response
IOUT
VOUT
100mV/DIV
200µs/DIV
VIN = 5.6V PART 3
5mA
0mA
Figure 78. ADR4540 A, B, C Grade Load Transient Response (Sinking)
FREQUENCY (Hz)
0
60
50
40
30
20
10
10M
1M
1
10
100
1k
10k
100k
ADR4540
RL = 100kΩ
CL = 10µF
RL = 1kΩ
CL = 10µF
RL = 1kΩ
CL = 1µF
RL = 100kΩ
CL = 1µF
Figure 79. ADR4540 Output Impedance vs. Frequency
–0.06
–0.04
–0.02
0
0.02
0.04
0.06
SOLDER HEAT SHIFT (%)
0
10
20
30
40
50
60
70
80
Figure 80. ADR4540 Solder Heat Resistance Shift (3 × Reflow)
IOUT
VOUT
100mV/DIV
200µs/DIV
VIN = 5.6V PART 1
0mA
–5mA
Figure 81. ADR4540 A, B, C Grade Load Transient Response (Sourcing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com