Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4530 Datasheet(PDF) 1 Page - Analog Devices

Part # ADR4530
Description  Ultralow Noise, High Accuracy Voltage References
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4530 Datasheet(HTML) 1 Page - Analog Devices

  ADR4530 Datasheet HTML 1Page - Analog Devices ADR4530 Datasheet HTML 2Page - Analog Devices ADR4530 Datasheet HTML 3Page - Analog Devices ADR4530 Datasheet HTML 4Page - Analog Devices ADR4530 Datasheet HTML 5Page - Analog Devices ADR4530 Datasheet HTML 6Page - Analog Devices ADR4530 Datasheet HTML 7Page - Analog Devices ADR4530 Datasheet HTML 8Page - Analog Devices ADR4530 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Ultralow Noise, High Accuracy
Voltage References
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2012–2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Maximum temperature coefficient (TCVOUT):
0.8 ppm/°C (D grade 0°C to 70°C)
1 ppm/°C (C grade 0°C to 70°C)
2 ppm/°C (B grade −40°C to +125°C)
4 ppm/°C (A grade −40°C to +125°C)
Output noise (0.1 Hz to 10 Hz):
1 μV p-p at VOUT of 2.048 V typical
Initial output voltage error:
B, C, D grade: ±0.02% (maximum)
Input voltage range: 3 V to 15 V
Operating temperature:
A grade and B grade: −40°C to +125°C
C grade and D grade: 0°C to +70°C
Output current: +10 mA source/−10 mA sink
Low quiescent current: 950 μA (maximum)
Low dropout voltage: 300 mV at 2 mA (VOUT ≥ 3 V)
8-lead SOIC and LCC package
AEC-Q100 qualified for automotive applications
Long-term drift: 8 ppm typical at 4500 hours
APPLICATIONS
Precision data acquisition systems
High resolution data converters
High precision measurement devices
Industrial instrumentation
Medical devices
Automotive battery monitoring
GENERAL DESCRIPTION
The ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/
ADR4550 devices are high precision, low power, low noise
voltage references featuring ±0.02% B, C, and D grade
maximum initial error, excellent temperature stability, and low
output noise.
This family of voltage references uses an innovative core topology
to achieve high accuracy while offering industry-leading
temperature stability and noise performance. The low, thermally
induced output voltage hysteresis and low long-term output
voltage drift of the devices also improve system accuracy over
time and temperature variations.
A maximum operating current of 950 μA and a maximum low
dropout voltage of 300 mV allow the devices to function very
well in portable equipment.
The ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/
ADR4550 series of references are each provided in an 8-lead
SOIC and are available in a wide range of output voltages, all of
which are specified over the extended industrial temperature
range of −40°C to +125°C.
PIN CONFIGURATIONS
NIC 1
VIN 2
NIC 3
GND 4
DNC
8
NIC
7
VOUT
6
NIC
5
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
THIS PIN IS NOT CONNECTED INTERNALLY.
2. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
ADR4520/ADR4525/
ADR4530/ADR4533/
ADR4540/ADR4550
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC Pin Configuration
1
2
3
7
6
5
8
4
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
THIS PIN IS NOT CONNECTED INTERNALLY.
2. DNC = DO NOT CONNECT. DO NOT CONNECT TO THIS PIN.
DNC
VIN
GNDFORCE
N I C
VOUTSENSE
VOUTFORCE
DNC
GNDSENSE
ADR4520/ADR4525/
ADR4530/ADR4533/
ADR4540/ADR4550
Figure 2. 8-Lead LCC Pin Configuration
The ADR4525, ADR4540, and ADR4550 are also available in D,
which are in 8 lead LCC package, and C grade with a temperature
range of 0°C to 70°C. The ADR4525W, available in an 8-lead
SOIC package, is qualified for automotive applications.
Table 1. Selection Guide
Model
Output Voltage (V)
Grade
ADR4520
2.048
A, B
ADR4525
2.5
A, B, C, D
ADR4525W
2.5
B
ADR4530
3.0
A, B
ADR4533
3.3
A, B
ADR4540
4.096
A, B, C, D
ADR4550
5.0
A, B, C, D
Table 2. Voltage Reference Choices from Analog Devices, Inc.
VOUT (V)
Micropower
Low Power
Ultralow Noise
2.048
ADR3420
ADR360
ADR440
LT6656
LTC6652
LTC6655
LT6654
2.5
ADR3425
ADR361
ADR441
LT1461
LTC6652
LTC6655
LT6656
LT6654
5.0
ADR3450
ADR365
ADR445
LT1461
LTC6652
LTC6655
LT6656
LT6654


Similar Part No. - ADR4530

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR4530 AD-ADR4530 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
ADR4530ARZ AD-ADR4530ARZ Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
ADR4530ARZ-R7 AD-ADR4530ARZ-R7 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
ADR4530BRZ AD-ADR4530BRZ Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
ADR4530BRZ-R7 AD-ADR4530BRZ-R7 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
More results

Similar Description - ADR4530

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR430 AD-ADR430 Datasheet
868Kb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
9/04-Data Sheet Changed from Rev. A to Rev. B
ADR440 AD-ADR440 Datasheet
568Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
9/06-Rev. 0 to Rev. A
ADR3412 AD-ADR3412 Datasheet
900Kb / 24P
Micropower, High Accuracy Voltage References
REV. B
ADR3425 AD-ADR3425 Datasheet
1Mb / 20P
Micropower, High Accuracy Voltage References
Rev. 0
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR4520 AD-ADR4520 Datasheet
993Kb / 32P
Ultralow Noise, High Accuracy
REV. 0
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com