Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4530 Datasheet(PDF) 37 Page - Analog Devices

Part # ADR4530
Description  Ultralow Noise, High Accuracy Voltage References
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4530 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADR4530 Datasheet HTML 32Page - Analog Devices ADR4530 Datasheet HTML 33Page - Analog Devices ADR4530 Datasheet HTML 34Page - Analog Devices ADR4530 Datasheet HTML 35Page - Analog Devices ADR4530 Datasheet HTML 36Page - Analog Devices ADR4530 Datasheet HTML 37Page - Analog Devices ADR4530 Datasheet HTML 38Page - Analog Devices ADR4530 Datasheet HTML 39Page - Analog Devices ADR4530 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. D | Page 37 of 40
–4
–2
0
2
4
6
8
10
12
OUTPUT VOLTAGE HYSTERESIS (ppm)
0
5
10
15
20
25
30
35
40
45
27 UNITS x 3 CYCLES
HALF CYCLE = 25°C, 70°C, 25°C
FULL CYCLE = 25°C, 70°C, 25°C, 0°C, 25°C
HALF CYCLE
FULL CYCLE
Figure 118. D Grade Histogram Showing the Temperature Hysteresis of the
Output Voltage (0°C to 70°C)
Measuring thermal hysteresis over the full operating temperature
range is not reflective of a typical operating environment in
most applications. Instead, smaller temperature variations are
more normal. The ADR4520/ADR4525/ADR4530/ADR4533/
ADR4540/ADR4550 were tested over 20 different temperature
cycles of increasing magnitude, centered at +25°C, starting with
+25°C ± 5°C and going up to the full operating temperature
range of −40°C to +125°C. The results are shown in Figure 119.
For a temperature delta of 100°C (that is, +25°C ± 50°C) the
thermal hysteresis is less than 20 ppm for both the full cycle
and the half cycle. Above this range, the thermal hysteresis
increases significantly. These results show that the standard
specification, which covers the full operating temperature
range, is close to the worst case performance.
0
20
40
60
80
100
120
140
160
–40
–20
0
20
40
60
80
100
TEMPERATURE DELTA (°C)
HALF LOOP
FULL LOOP
Figure 119. Thermal Hysteresis for Increasing Temperature Range
HUMIDITY SENSITIVITY
The ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/
ADR4550 is packaged in a SOIC plastic package and has a
moisture sensitivity level of MSL-1, per the JEDEC standard.
However, moisture absorption from the air into the package
changes the internal mechanical stresses on the die causing
shifts in the output voltage. Figure 120 shows the effects of a
step change in relative humidity on the output voltage over
time.
The humidity chamber is maintained at an ambient temperature
of +25°C, while the relative humidity undergoes a step change
from 20% to 80% at time zero. The relative humidity is
maintained at 80% for the duration of the testing. Note that the
output voltage shifts quickly compared to the overall settling
time, following the step change in relative humidity.
Figure 121 shows the effects of 10% increases in relative humidity
from 30% to 70% and back to 30%. Note that after the relative
humidity returns to 30%, the output voltage is settling back to
its starting point.
0
100
200
300
400
500
600
ELAPSED TIME (Hours)
–400
–300
–200
–100
0
100
200
300
400
SAMPLE 1
SAMPLE 2
SAMPLE 3
27 UNITS
TA = 25°C
RELATIVE HUMIDITY STEP
FROM 20% TO 80%
Figure 120. Change in Output Voltage vs. Time After Humidity Step Change
(20% to 80% Relative Humidity)
0
100
200
300
400
500
600
ELAPSED TIME (Hours)
–200
–150
–100
–50
0
50
100
150
200
SAMPLE 1
SAMPLE 2
SAMPLE 3
27 UNITS
TA = 25°C
RELATIVE HUMIDITY STEP FROM
30% TO 70% TO 30%, 10% STEPS
Figure 121. Change in Output Voltage vs. Time for 10% Humidity Steps
(30% to 70% to 30% Relative Humidity in 10% Steps)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com