Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4530 Datasheet(PDF) 15 Page - Analog Devices

Part # ADR4530
Description  Ultralow Noise, High Accuracy Voltage References
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4530 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADR4530 Datasheet HTML 11Page - Analog Devices ADR4530 Datasheet HTML 12Page - Analog Devices ADR4530 Datasheet HTML 13Page - Analog Devices ADR4530 Datasheet HTML 14Page - Analog Devices ADR4530 Datasheet HTML 15Page - Analog Devices ADR4530 Datasheet HTML 16Page - Analog Devices ADR4530 Datasheet HTML 17Page - Analog Devices ADR4530 Datasheet HTML 18Page - Analog Devices ADR4530 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. D | Page 15 of 40
ADR4525
TEMPERATURE (°C)
2.4995
2.4996
2.4997
2.4998
2.4999
2.5000
2.5001
2.5002
2.5003
2.5004
2.5005
–50
–30
–10
10
30
50
70
90
110
130
ADR4525
Figure 18. ADR4525 B Grade Output Voltage vs. Temperature
0
10
20
30
40
50
60
70
TEMPERATURE (°C)
2.49950
2.49955
2.49960
2.49965
2.49970
2.49975
2.49980
Figure 19. ADR4525 C Grade Output Voltage vs. Temperature
2.50010
2.49970
0
70
TEMPERATURE (°C)
2.50000
2.49995
2.49990
2.49985
2.49975
2.49980
2.50005
10
20
30
40
50
60
Figure 20. ADR4525 D Grade Output Voltage vs. Temperature
CH1 5.00V
CH2 1.00V
M40.0µs
A CH1
9.10V
1
2
ADR4525
VIN (5V/DIV)
VOUT (1V/DIV)
Figure 21. ADR4525 Output Voltage Start-Up Response
ILOAD (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
–15
15
10
5
0
–5
–10
–40°C
+25°C
+125°C
ADR4525
Figure 22. ADR4525 Dropout Voltage vs. Load Current
TEMPERATURE (°C)
0
35
30
25
20
15
10
5
–60
–40
–20
0
20
40
60
80
100
120
140
ADR4525
Figure 23. ADR4525 Load Regulation vs. Temperature (Sourcing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com