Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4530 Datasheet(PDF) 25 Page - Analog Devices

Part # ADR4530
Description  Ultralow Noise, High Accuracy Voltage References
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4530 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADR4530 Datasheet HTML 21Page - Analog Devices ADR4530 Datasheet HTML 22Page - Analog Devices ADR4530 Datasheet HTML 23Page - Analog Devices ADR4530 Datasheet HTML 24Page - Analog Devices ADR4530 Datasheet HTML 25Page - Analog Devices ADR4530 Datasheet HTML 26Page - Analog Devices ADR4530 Datasheet HTML 27Page - Analog Devices ADR4530 Datasheet HTML 28Page - Analog Devices ADR4530 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
Data Sheet
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Rev. D | Page 25 of 40
ADR4540
TEMPERATURE (°C)
–50
–30
–10
10
30
50
70
90
110
130
ADR4540
4.0950
4.0955
4.0960
4.0965
4.0970
Figure 65. ADR4540 B Grade Output Voltage vs. Temperature
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
4.09555
4.09550
4.09545
4.09540
4.09535
VSY = 7V
Figure 66. ADR4540 C Grade Output Voltage vs. Temperature
TEMPERATURE (°C)
0
10
20
30
40
50
60
70
4.09560
4.09610
4.09605
4.09600
4.09595
4.09590
4.09585
4.09580
4.09575
4.09565
4.09570
Figure 67. ADR4540 D Grade Output Voltage vs. Temperature
CH1 5.00V
CH2 1.00V
M40.0µs
A CH1
3.10V
1
2
ADR4540
VIN (5V/DIV)
VOUT (1V/DIV)
CIN = 0.1µF
COUT = 0.1µF
RL = 1kΩ
Figure 68. ADR4540 Output Voltage Start-Up Response
ILOAD (mA)
0
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–15
15
10
5
0
–5
–10
–40°C
+25°C
+125°C
ADR4540
Figure 69. ADR4540 Dropout Voltage vs. Load Current
TEMPERATURE (°C)
0
35
30
25
20
15
10
5
–60
–40
–20
0
20
40
60
80
100
120
140
ADR4540
Figure 70. ADR4540 Load Regulation vs. Temperature (Sourcing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com