Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR4530 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR4530
Description  Ultralow Noise, High Accuracy Voltage References
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR4530 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR4530 Datasheet HTML 4Page - Analog Devices ADR4530 Datasheet HTML 5Page - Analog Devices ADR4530 Datasheet HTML 6Page - Analog Devices ADR4530 Datasheet HTML 7Page - Analog Devices ADR4530 Datasheet HTML 8Page - Analog Devices ADR4530 Datasheet HTML 9Page - Analog Devices ADR4530 Datasheet HTML 10Page - Analog Devices ADR4530 Datasheet HTML 11Page - Analog Devices ADR4530 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
ADR4520/ADR4525/ADR4530/ADR4533/ADR4540/ADR4550
Data Sheet
Rev. D | Page 8 of 40
ADR4540 ELECTRICAL CHARACTERISTICS
Unless otherwise noted, VIN = 4.2 V to 15 V, IL = 0 mA, TA = 25°C.
Table 7.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
OUTPUT VOLTAGE
VOUT
4.096
V
INITIAL OUTPUT VOLTAGE ERROR
VOUT_ERR
B, C, D Grade
±0.02
%
820
μV
A Grade
±0.04
%
1.64
mV
SOLDER HEAT RESISTANCE SHIFT
A, B, C, D Grade
±0.02
%
TEMPERATURE COEFFICIENT
TCVOUT
See Terminology section
D Grade
0°C ≤ TA ≤ +70°C (box method)
0.8
ppm/°C
0°C ≤ TA ≤ +70°C (bowtie method)
1.6
ppm/°C
C Grade
0°C ≤ TA ≤ +70°C (box method)
1
ppm/°C
0°C ≤ TA ≤ +70°C (bowtie method)
2
ppm/°C
B Grade
−40°C ≤ TA ≤ +125°C (box method)
2
ppm/°C
−40°C ≤ TA ≤ +125°C (bowtie method)
4
ppm/°C
A Grade
−40°C ≤ TA ≤ +125°C (box method)
4
ppm/°C
−40°C ≤ TA ≤ +125°C (bowtie method)
8
ppm/°C
LINE REGULATION
ΔVOUT/ΔVIN
−40°C ≤ TA ≤ +125°C
1
10
ppm/V
LOAD REGULATION
ΔVOUT/ΔIL
A, B, C Grade
IL = 0 mA to +10 mA source, −40°C ≤ TA ≤ +125°C
25
80
ppm/mA
IL = 0 mA to −10 mA sink, −40°C ≤ TA ≤ +125°C
50
120
ppm/mA
D Grade
IL = 0 mA to +10 mA source, 0°C ≤ TA ≤ +70°C
15
25
ppm/mA
IL = 0 mA to −10 mA sink, 0°C ≤ TA ≤ +70°C
5
9
ppm/mA
QUIESCENT CURRENT
IQ
−40°C ≤ TA ≤ +125°C, no load
700
950
μA
DROPOUT VOLTAGE
VDO
−40°C ≤ TA ≤ +125°C, no load
100
mV
−40°C ≤ TA ≤ +125°C, IL = 2 mA
300
mV
RIPPLE REJECTION RATIO
RRR
fIN = 1 kHz
90
dB
OUTPUT CURRENT CAPACITY
IL
Sinking
−10
mA
Sourcing
10
mA
OUTPUT VOLTAGE NOISE
eNp-p
0.1 Hz to 10.0 Hz
2.7
μV p-p
OUTPUT VOLTAGE NOISE DENSITY
eN
1 kHz
83.5
nV/√Hz
OUTPUT VOLTAGE HYSTERESIS
ΔVOUT_HYS
TA = temperature cycled from
A, B, C Grade
+25°C to +125°C to−40°C to +25°C (full cycle)
−13
ppm
25°C to 125°C to 25°C (half cycle)
−97
ppm
25°C to 70°C to 0°C to 25°C (full cycle)
−8
ppm
25°C to 70°C to 25°C (half cycle)
−17
ppm
D Grade
25°C to 70°C to 0°C to 25°C (full cycle)
1
ppm
25°C to 70°C to 25°C (half cycle)
5
ppm
LONG-TERM DRIFT
ΔVOUT_LTD
TA = 25°C
A, B, C Grade
250 hours (early life drift)
19
ppm
1000 hours
25
ppm
4500 hours
51
ppm
D Grade
250 hours (early life drift)
3
ppm
1000 hours
5
ppm
4500 hours
8
ppm
TURN-ON SETTLING TIME
tR
COUT = 0.1 µF, CIN = 0.1 µF, RLOAD = 1 kΩ
155
µs
LOAD CAPACITANCE
0.1
100
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com