Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410EC Datasheet(PDF) 20 Page - NXP Semiconductors

Part # MPC7410EC
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410EC Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button MPC7410EC Datasheet HTML 16Page - NXP Semiconductors MPC7410EC Datasheet HTML 17Page - NXP Semiconductors MPC7410EC Datasheet HTML 18Page - NXP Semiconductors MPC7410EC Datasheet HTML 19Page - NXP Semiconductors MPC7410EC Datasheet HTML 20Page - NXP Semiconductors MPC7410EC Datasheet HTML 21Page - NXP Semiconductors MPC7410EC Datasheet HTML 22Page - NXP Semiconductors MPC7410EC Datasheet HTML 23Page - NXP Semiconductors MPC7410EC Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
20
Freescale Semiconductor
Electrical and Thermal Characteristics
4.2.4
L2 Bus AC Specifications
Table 10 provides the L2 bus interface AC timing specifications for the MPC7410 as defined in Figure 8 and
Figure 9 for the loading conditions described in Figure 10.
Table 10. L2 Bus Interface AC Timing Specifications
At recommended operating conditions (see Table 3)
Parameter
Symbol
400, 450, 500 MHz
Unit
Notes
Min
Max
L2SYNC_IN rise and fall time
tL2CR and tL2CF
—1.0
ns
1
Setup times: Data and parity
tDVL2CH
1.5
—
ns
2
Input hold times: Data and parity
tDXL2CH
—0.0
ns
2
Valid times:
All outputs when L2CR[14–15] = 00
All outputs when L2CR[14–15] = 01
All outputs when L2CR[14–15] = 10
All outputs when L2CR[14–15] = 11
tL2CHOV
—
—
—
—
2.5
2.5
2.9
3.5
ns
3, 4
Output hold times
All outputs when L2CR[14–15] = 00
All outputs when L2CR[14–15] = 01
All outputs when L2CR[14–15] = 10
All outputs when L2CR[14–15] = 11
tL2CHOX
0.4
0.8
1.2
1.6
—
—
—
—
ns
3
L2SYNC_IN to high impedance:
All outputs when L2CR[14–15] = 00
All outputs when L2CR[14–15] = 01
All outputs when L2CR[14–15] = 10
All outputs when L2CR[14–15] = 11
tL2CHOZ
—
—
—
—
2.0
2.5
3.0
3.5
ns
—
Notes:
1. Rise and fall times for the L2SYNC_IN input are measured from 20% to 80% of L2OVDD.
2. All input specifications are measured from the midpoint of the signal in question to the midpoint voltage of the rising
edge of the input L2SYNC_IN (see Figure 8). Input timings are measured at the pins.
3. All output specifications are measured from the midpoint voltage of the rising edge of L2SYNC_IN to the midpoint
of the signal in question. The output timings are measured at the pins. All output timings assume a purely resistive
50-
Ω load (see Figure 10).
4. The outputs are valid for both single-ended and differential L2CLK modes. For pipelined registered synchronous
BurstRAMs, L2CR[14–15] = 00 is recommended. For pipelined late write synchronous BurstRAMs,
L2CR[14–15] = 10 is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com