Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410EC Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC7410EC
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410EC Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC7410EC Datasheet HTML 9Page - NXP Semiconductors MPC7410EC Datasheet HTML 10Page - NXP Semiconductors MPC7410EC Datasheet HTML 11Page - NXP Semiconductors MPC7410EC Datasheet HTML 12Page - NXP Semiconductors MPC7410EC Datasheet HTML 13Page - NXP Semiconductors MPC7410EC Datasheet HTML 14Page - NXP Semiconductors MPC7410EC Datasheet HTML 15Page - NXP Semiconductors MPC7410EC Datasheet HTML 16Page - NXP Semiconductors MPC7410EC Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
13
Electrical and Thermal Characteristics
Table 6 provides the power consumption for the MPC7410.
4.2
AC Electrical Characteristics
This section provides the AC electrical characteristics for the MPC7410. After fabrication, functional parts are
sorted by maximum processor core frequency, see Section 4.2.1, “Clock AC Specifications,” and tested for
conformance to the AC specifications for that frequency. The processor core frequency is determined by the bus
(SYSCLK) frequency and the settings of the PLL_CFG[0:3] signals. Parts are sold by maximum processor core
frequency; see Section 10, “Ordering Information.”
Table 6. Power Consumption for MPC7410
Processor (CPU) Frequency
Unit
Notes
400 MHz
450 MHz
500 MHz
Full-On Mode
Typical
4.2
4.7
5.3
W
1, 3
Maximum
9.5
10.7
11.9
W
1, 2
Doze Mode
Maximum
4.3
4.8
5.3
W
1
Nap Mode
Maximum
1.35
1.5
1.65
W
1
Sleep Mode
Maximum
1.3
1.45
1.6
W
1
Sleep Mode—PLL and DLL Disabled
Typical
600
600
600
mW
1
Maximum
1.1
1.1
1.1
W
1
Notes:
1. These values apply for all valid processor bus and L2 bus ratios. The values do not include I/O supply power (OVDD
and L2OVDD) or PLL/DLL supply power (AVDD and L2AVDD). OVDD and L2OVDD power is system dependent, but
is typically <5% of VDD power. Worst case power consumption for AVDD = 15 mW and L2AVDD =15 mW.
2. Maximum power is measured at 105°C and VDD = 1.8 V while running an entirely cache-resident, contrived
sequence of instructions which keep the execution units, including AltiVec, maximally busy.
3. Typical power is an average value measured at 65°C and VDD = 1.8 V in a system while running typical benchmarks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com