Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410EC Datasheet(PDF) 27 Page - NXP Semiconductors

Part # MPC7410EC
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410EC Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button MPC7410EC Datasheet HTML 23Page - NXP Semiconductors MPC7410EC Datasheet HTML 24Page - NXP Semiconductors MPC7410EC Datasheet HTML 25Page - NXP Semiconductors MPC7410EC Datasheet HTML 26Page - NXP Semiconductors MPC7410EC Datasheet HTML 27Page - NXP Semiconductors MPC7410EC Datasheet HTML 28Page - NXP Semiconductors MPC7410EC Datasheet HTML 29Page - NXP Semiconductors MPC7410EC Datasheet HTML 30Page - NXP Semiconductors MPC7410EC Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
27
Pinout Listings
L2VSEL
A19
High
Input
N/A
1, 3, 8,
9, 14
L2WE
N16
Low
Output
L2VSEL
—
L2ZZ
G17
High
Output
L2VSEL
—
LSSD_MODE
F9
Low
Input
BVSEL
2
MCP
B11
Low
Input
BVSEL
15
OVDD
D5, D8, D12, E4, E6, E9, E11, F5, H4, J5, L5, M4, P5, R4,
R6, R9, R11, T5, T8, T12
——
N/A
—
PLL_CFG[0:3]
A4, A5, A6, A7
High
Input
BVSEL
4
QACK
B2
Low
Input
BVSEL
—
QREQ
J3
Low
Output
BVSEL
—
RSRV
D3
Low
Output
BVSEL
—
SHD0
B3
Low
I/O
BVSEL
8
SHD1
B4
Low
I/O
BVSEL
5, 8
SMI
A12
Low
Input
BVSEL
—
SRESET
E10
Low
Input
BVSEL
—
SYSCLK
H9
—
Input
BVSEL
—
TA
F1
Low
Input
BVSEL
—
TBEN
A2
High
Input
BVSEL
—
TBST
A11
Low
Output
BVSEL
—
TCK
B10
High
Input
BVSEL
—
TDI
B7
High
Input
BVSEL
9
TDO
D9
High
Output
BVSEL
—
TEA
J1
Low
Input
BVSEL
—
TMS
C8
High
Input
BVSEL
9
TRST
A10
Low
Input
BVSEL
9
TS
K7
Low
I/O
BVSEL
—
TSIZ[0:2]
A9, B9, C9
High
Output
BVSEL
—
TT[0:4]
C10, D11, B12, C12, F11
High
I/O
BVSEL
—
WT
C3
Low
I/O
BVSEL
—
Table 12. Pinout Listing for the MPC7410, 360 CBGA and 360 HCTE Packages (continued)
Signal Name
Pin Number
Active
I/O
I/F Select 1
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com