Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410EC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPC7410EC
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410EC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPC7410EC Datasheet HTML 2Page - NXP Semiconductors MPC7410EC Datasheet HTML 3Page - NXP Semiconductors MPC7410EC Datasheet HTML 4Page - NXP Semiconductors MPC7410EC Datasheet HTML 5Page - NXP Semiconductors MPC7410EC Datasheet HTML 6Page - NXP Semiconductors MPC7410EC Datasheet HTML 7Page - NXP Semiconductors MPC7410EC Datasheet HTML 8Page - NXP Semiconductors MPC7410EC Datasheet HTML 9Page - NXP Semiconductors MPC7410EC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
6
Freescale Semiconductor
Features
— L2 is fully pipelined to provide 128 bits per L2 clock cycle to the L1s.
— Up to eight outstanding, out-of-order, cache misses between dL1 and L2/bus
— Up to seven outstanding, out-of-order transactions on the bus
— Load folding to fold new dL1 misses into older, outstanding load and store misses to the same line
— Store miss merging for multiple store misses to the same line. Only coherency action taken (that is,
address only) for store misses merged to all 32 bytes of a cache line (no data tenure needed).
— Two-entry finished store queue and four-entry completed store queue between load/store unit and dL1
— Separate additional queues for efficient buffering of outbound data (castouts, write throughs, and so on)
from dL1 and L2
•
Bus interface
— MPX bus extension to 60x processor interface
— Mode-compatible with 60x processor interface
— 32-bit address bus
— 64-bit data bus
— Bus-to-core frequency multipliers of 2x, 2.5x, 3x, 3.5x, 4x, 4.5x, 5x, 5.5x, 6x, 6.5x, 7x, 7.5x, 8x, 9x
supported
— Selectable interface voltages of 1.8, 2.5, and 3.3 V
•
Power management
— Low-power design with thermal requirements very similar to MPC740 and MPC750
— Low-voltage processor core
— Selectable interface voltages can reduce power in output buffers
— Three static power saving modes: doze, nap, and sleep
— Dynamic power management
•
Testability
— LSSD scan design
— IEEE Std 1149.1™ JTAG interface
— Array built-in self test (ABIST)—factory test only
— Redundancy on L1 data arrays and L2 tag arrays
•
Reliability and serviceability
— Parity checking on 60x and L2 cache buses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com