Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410EC Datasheet(PDF) 8 Page - NXP Semiconductors

Part # MPC7410EC
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410EC Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button MPC7410EC Datasheet HTML 4Page - NXP Semiconductors MPC7410EC Datasheet HTML 5Page - NXP Semiconductors MPC7410EC Datasheet HTML 6Page - NXP Semiconductors MPC7410EC Datasheet HTML 7Page - NXP Semiconductors MPC7410EC Datasheet HTML 8Page - NXP Semiconductors MPC7410EC Datasheet HTML 9Page - NXP Semiconductors MPC7410EC Datasheet HTML 10Page - NXP Semiconductors MPC7410EC Datasheet HTML 11Page - NXP Semiconductors MPC7410EC Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
8
Freescale Semiconductor
Electrical and Thermal Characteristics
Figure 2 shows the allowable undershoot and overshoot voltage for the MPC7410.
Figure 2. Overshoot/Undershoot Voltage
The MPC7410 provides several I/O voltages to support both compatibility with existing systems and migration to
future systems. The MPC7410 core voltage must always be provided at nominal voltage (see Table 3 for actual
recommended core voltage). Voltage to the L2 I/Os and processor interface I/Os are provided through separate sets
of supply pins and may be provided at the voltages shown in Table 2. Voltage must be provided to the L2OVDD
power pins even if the interface is not used. The input voltage threshold for each bus is selected by sampling the
state of the voltage select pins BVSEL and L2VSEL at the negation of the signal HRESET. These signals must
remain stable during part operation and cannot change. The output voltage will swing from GND to the maximum
voltage applied to the OVDD or L2OVDD power pins.
Rework temperature
Trwk
260
°C
—
Notes:
1. Functional and tested operating conditions are given in Table 3. Absolute maximum ratings are stress ratings only,
and functional operation at the maximums is not guaranteed. Stresses beyond those listed may affect device
reliability or cause permanent damage to the device.
2. Caution: Vin must not exceed OVDD or L2OVDD by more than 0.2 V at any time including during power-on reset.
3. Caution: L2OVDD/OVDD must not exceed VDD/AVDD/L2AVDD by more than 2.0 V at any time including during
power-on reset; this limit may be exceeded for a maximum of 20 ms during power-on reset and power-down
sequences.
4. Caution: VDD/AVDD/L2AVDD must not exceed L2OVDD/OVDD by more than 0.4 V at any time including during
power-on reset; this limit may be exceeded for a maximum of 20 ms during power-on reset and power-down
sequences.
5. Vin may overshoot/undershoot to a voltage and for a maximum duration as shown in Figure 2.
6. M
xx7410xxnnnLE (Rev. 1.4) and later only. Previous revisions do not support 3.3 V OVDD and have a maximum
value OVDD of –0.3 to 2.8 V.
Table 1. Absolute Maximum Ratings 1 (continued)
Characteristic
Symbol
Maximum Value
Unit
Notes
VIH
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
(L2)OVDD + 20%
VIL
(L2)OVDD
(L2)OVDD + 5%
of tSYSCLK (OVDD)
or tL2CLK (L2OVDD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com