Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410EC Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPC7410EC
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410EC Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPC7410EC Datasheet HTML 5Page - NXP Semiconductors MPC7410EC Datasheet HTML 6Page - NXP Semiconductors MPC7410EC Datasheet HTML 7Page - NXP Semiconductors MPC7410EC Datasheet HTML 8Page - NXP Semiconductors MPC7410EC Datasheet HTML 9Page - NXP Semiconductors MPC7410EC Datasheet HTML 10Page - NXP Semiconductors MPC7410EC Datasheet HTML 11Page - NXP Semiconductors MPC7410EC Datasheet HTML 12Page - NXP Semiconductors MPC7410EC Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
Freescale Semiconductor
9
Electrical and Thermal Characteristics
Table 3 provides the recommended operating conditions for the MPC7410.
Table 2. Input Threshold Voltage Setting
BVSEL Signal 3
Processor Bus Input
Threshold is Relative to:
L2VSEL Signal 3
L2 Bus Input Threshold is
Relative to:
Notes
0
1.8 V
0
1.8 V
1
HRESET
2.5 V
HRESET
2.5 V
1, 2
1
3.3 V
1
2.5 V
1, 4, 5
¬HRESET
3.3 V
¬HRESET
Not Supported
6
Notes:
1. Caution: The input threshold selection must agree with the OVDD/L2OVDD voltages supplied.
2. To select the 2.5-V threshold option, BVSEL and/or L2VSEL should be tied to HRESET so that the two signals
change state together. This is the preferred method for selecting this mode of operation.
3. To overcome the internal pull-up resistance, a pull-down resistance less than 250
Ω should be used.
4. Default voltage setting if left unconnected (internal pulled-up). MPC7410RX
nnnLE (Rev 1.4) and later only.
Previous revisions do not support 3.3 V OVDD; the default voltage setting if left unconnected is 2.5 V.
5. M
xx7410xxnnnLE (Rev. 1.4) and later only. Previous revisions do not support 3.3 V OVDD; having BVSEL = 1 selects
the 2.5-V threshold.
6. M
xx7410xxnnnLE (Rev. 1.4) and later only. Previous revisions do not support BVSEL = ¬HRESET. (¬HRESET is
the inverse of HRESET.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com