Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC7410EC Datasheet(PDF) 54 Page - NXP Semiconductors

Part # MPC7410EC
Description  MPC7410 RISC Microprocessor Hardware Specifications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC7410EC Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button MPC7410EC Datasheet HTML 48Page - NXP Semiconductors MPC7410EC Datasheet HTML 49Page - NXP Semiconductors MPC7410EC Datasheet HTML 50Page - NXP Semiconductors MPC7410EC Datasheet HTML 51Page - NXP Semiconductors MPC7410EC Datasheet HTML 52Page - NXP Semiconductors MPC7410EC Datasheet HTML 53Page - NXP Semiconductors MPC7410EC Datasheet HTML 54Page - NXP Semiconductors MPC7410EC Datasheet HTML 55Page - NXP Semiconductors MPC7410EC Datasheet HTML 56Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
MPC7410 RISC Microprocessor Hardware Specifications, Rev. 6.1
54
Freescale Semiconductor
Ordering Information
10.2 Part Numbers Not Fully Addressed by This Document
Parts with application modifiers or revision levels not fully addressed in this specification document are described
in separate part number specifications which supplement and supersede this document, as described in the following
tables.
Table 18. Part Numbers Addressed by MPC7410RXnnnPx Series Part Number Specifications
MPC
7410
RX
nnn
P
x
Product
Code
Part
Identifier
Package
Processor
Frequency1
Application
Modifier
Revision Level
MPC
7410
RX = CBGA
450
500
550
P: 2.0 V ± 50 mV
0
° to 65°C
C: 1.2; PVR = 800C 1102 1
D: 1.3; PVR = 800C 1103 2
E: 1.4; PVR = 800C 1104 3
Notes: Document order numbers:
1. MPC7410PCPNS.
2. MPC7410PDPNS.
3. MPC7410PEPNS.
Table 19. Part Numbers Addressed by MPC7410 RISC Microprocessor HardwareSpecifications Addendum
for the MPC7410xxnnnNE Series
Mxx
7410
xx
nnn
NE
Product
Code
Part
Identifier
Package
Processor
Frequency 1
Application
Modifier
Revision Level
MPC
7410
RX = CBGA
400
450
500
N: 1.5 V ± 50 mV
E: 1.4; PVR = 800C 1104
HX = HCTE_CBGA
VS = HCTE_LGA
400
450
MC
VU = HCTE_CBGA
(Lead Free C5 Solder
Spheres)
Note: Document order number: MPC7410ECS02AD
Table 20. Part Numbers Addressed by MPC7410TRXnnnNE Part Number Specification
MPC
7410
T
RX
nnn
NE
Product
Code
Part
Identifier
Process
Descriptor
Package
Processor
Frequency1
Application
Modifier
Revision Level
MPC
7410
T: –40
° to 105°CRX = CBGA
400
450
N: 1.5 V ±50 mV
E: 1.4; PVR = 800C 1104
Note: Document order number: MPC7410TRXNEPNS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com