Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358ECVVALFHA Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 9Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 10Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 11Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 12Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 13Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 14Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 15Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 16Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
13
Power Sequencing
667
333
500
6.1
6.8
W
2, 3, 5, 9
Notes:
1. The values do not include I/O supply power (OVDD, LVDD, GVDD) or AVDD. For I/O power values, see Table 6.
2. Typical power is based on a voltage of VDD = 1.2 V or 1.3 V, a junction temperature of TJ = 105° C, and a Dhrystone
benchmark application.
3. Thermal solutions need to design to a value higher than typical power on the end application, TA target, and I/O power.
4. Maximum power is based on a voltage of VDD = 1.2 V, WC process, a junction TJ = 105° C, and an artificial smoke test.
5. Maximum power is based on a voltage of VDD = 1.3 V for applications that use 667 MHz (CPU)/500 (QE) with WC process,
a junction TJ = 105° C, and an artificial smoke test.
6. Typical power is based on a voltage of VDD = 1.3 V, a junction temperature of TJ = 70° C, and a Dhrystone benchmark
application.
7. Maximum power is based on a voltage of VDD = 1.3 V for applications that use 667 MHz (CPU) or 500 (QE) with WC
process, a junction TJ = 70° C, and an artificial smoke test.
8. This frequency combination is only available for rev. 2.0 silicon.
9. This frequency combination is not available for rev. 2.0 silicon.
Table 5. MPC8358E TBGA Core Power Dissipation1
Core
Frequency (MHz)
CSB
Frequency (MHz)
QUICC Engine
Frequency (MHz)
Typical
Maximum
Unit
Notes
266
266
300
4.1
4.5
W
2, 3, 4
400
266
400
4.5
5.0
W
2, 3, 4
Notes:
1. The values do not include I/O supply power (OVDD, LVDD, GVDD) or AVDD. For I/O power values, see Table 6.
2. Typical power is based on a voltage of VDD = 1.2 V, a junction temperature of TJ = 105° C, and a Dhrystone benchmark
application.
3. Thermal solutions need to design to a value higher than typical power on the end application, TA target, and I/O power.
4. Maximum power is based on a voltage of VDD = 1.2 V, WC process, a junction TJ = 105° C, and an artificial smoke test.
Table 4. MPC8360E TBGA Core Power Dissipation1 (continued)
Core
Frequency (MHz)
CSB
Frequency (MHz)
QUICC Engine
Frequency (MHz)
Typical
Maximum
Unit
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com