Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358ECVVALFHA Datasheet(PDF) 22 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 18Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 19Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 20Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 21Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 22Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 23Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 24Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 25Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
22
Freescale Semiconductor
DDR and DDR2 SDRAM AC Electrical Characteristics
6.2.2
DDR and DDR2 SDRAM Output AC Timing Specifications
Table 21 and Table 22 provide the output AC timing specifications and measurement conditions for the DDR and DDR2
SDRAM interface.
Table 21. DDR and DDR2 SDRAM Output AC Timing Specifications for Source
Synchronous Mode
At recommended operating conditions with GVDD of (1.8 V or 2.5 V) ± 5%.
Parameter8
Symbol1
Min
Max
Unit
Notes
MCK[n] cycle time, (MCK[n]/MCK[n] crossing)
tMCK
610
ns
2
Skew between any MCK to ADDR/CMD
333 MHz
266 MHz
200 MHz
tAOSKEW
–1.0
–1.1
–1.2
0.2
0.3
0.4
ns
3
ADDR/CMD output setup with respect to MCK
333 MHz
266 MHz
200 MHz
tDDKHAS
2.1
2.8
3.5
—ns
4
ADDR/CMD output hold with respect to MCK
333 MHz
266 MHz—DDR1
266 MHz—DDR2
200 MHz
tDDKHAX
2.0
2.7
2.8
3.5
—ns
4
MCS(n) output setup with respect to MCK
333 MHz
266 MHz
200 MHz
tDDKHCS
2.1
2.8
3.5
—ns
4
MCS(n) output hold with respect to MCK
333 MHz
266 MHz
200 MHz
tDDKHCX
2.0
2.7
3.5
—ns
4
MCK to MDQS
tDDKHMH
–0.8
0.7
ns
5, 9
MDQ/MECC/MDM output setup with respect to MDQS
333 MHz
266 MHz
200 MHz
tDDKHDS,
tDDKLDS
0.7
1.0
1.2
—ns
6
MDQ/MECC/MDM output hold with respect to MDQS
333 MHz
266 MHz
200 MHz
tDDKHDX,
tDDKLDX
0.7
1.0
1.2
—ns
6
MDQS preamble start
tDDKHMP
–0.5
× tMCK – 0.6 –0.5 × tMCK + 0.6
ns
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com