Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358ECVVALFHA Datasheet(PDF) 69 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 65Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 66Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 67Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 68Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 69Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 70Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 71Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 72Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
69
Pinout Listings
CE_PA[22]
AF3
I/O
OVDD
—
CE_PA[23:26]
C18, D18, E18, A18
I/O
LVDD1—
CE_PA[27:28]
AF2, AE6
I/O
OVDD
—
CE_PA[29]
B19
I/O
LVDD1—
CE_PA[30]
AE5
I/O
OVDD
—
CE_PA[31]
F16
I/O
LVDD1—
CE_PB[0:27]
AE2, AE1, AD5, AD3, AD2, AC6, AC5, AC4, AC2,
AC1, AB5, AB4, AB3, AB1, AA6, AA4, AA2, Y6, Y4,
Y3, Y2, Y1, W6, W5, W2, V5, V3, V2
I/O
OVDD
—
CE_PC[0:1]
V1, U6
I/O
OVDD
—
CE_PC[2:3]
C16, A15
I/O
LVDD1—
CE_PC[4:6]
U4, U3, T6
I/O
OVDD
—
CE_PC[7]
C19
I/O
LVDD2—
CE_PC[8:9]
A4, C5
I/O
LVDD0—
CE_PC[10:30]
T5, T4, T2, T1, R5, R3, R1, C11, D12, F13, B10,
C10, E12, A9, B8, D10, A14, E15, B14, D15, AH2
I/O
OVDD
—
CE_PD[0:27]
E11, D9, C8, F11, A7, E9, C7, A6, F10, B6, D7, E8,
B5, A5, C2, E4, F5, B1, D2, G5, D1, E2, H6, F3, E1,
F2, G3, H4
I/O
OVDD
—
CE_PE[0:31]
K3, J2, F1, G2, J5, H3, G1, H2, K6, J3, K5, K4, L6,
P6, P4, P3, P1, N4, N5, N2, N1, M2, M3, M5, M6,
L1, L2, L4, E14, C13, C14, B13
I/O
OVDD
—
CE_PF[0:3]
F14, D13, A12, A11
I/O
OVDD
—
Clocks
PCI_CLK_OUT[0]/CE_PF[26]
B22
I/O
LVDD2—
PCI_CLK_OUT[1:2]/CE_PF[27:28]
D22, A23
I/O
OVDD
—
CLKIN
E37
I
OVDD
—
PCI_CLOCK/PCI_SYNC_IN
M36
I
OVDD
—
PCI_SYNC_OUT/CE_PF[29]
D37
I/O
OVDD
3
JTAG
TCK
K33
I
OVDD
—
TDI
K34
I
OVDD
4
TDO
H37
O
OVDD
3
TMS
J36
I
OVDD
4
TRST
L32
I
OVDD
4
Test
TEST
L35
I
OVDD
7
TEST_SEL
AU34
I
GVDD
7
Table 66. MPC8360E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com