Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358ECVVALFHA Datasheet(PDF) 26 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 22Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 23Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 24Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 25Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 26Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 27Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 28Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 29Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
26
Freescale Semiconductor
GMII, MII, RMII, TBI, RGMII, and RTBI AC Timing Specifications
Physical Layer Device Specification Version 1.2a (9/22/2000). The electrical characteristics for the MDIO and MDC are
specified in Section 8.3, “Ethernet Management Interface Electrical Characteristics.”
8.1.1
10/100/1000 Ethernet DC Electrical Characteristics
The electrical characteristics specified here apply to media independent interface (MII), reduced gigabit media independent
interface (RGMII), reduced ten-bit interface (RTBI), reduced media independent interface (RMII) signals, management data
input/output (MDIO) and management data clock (MDC).
The MII and RMII interfaces are defined for 3.3 V, while the RGMII and RTBI interfaces can be operated at 2.5 V. The RGMII
and RTBI interfaces follow the Reduced Gigabit Media-Independent Interface (RGMII) Specification Version 1.3. The RMII
interface follows the RMII Consortium RMII Specification Version 1.2.
8.2
GMII, MII, RMII, TBI, RGMII, and RTBI AC Timing Specifications
The AC timing specifications for GMII, MII, TBI, RGMII, and RTBI are presented in this section.
8.2.1
GMII Timing Specifications
This sections describe the GMII transmit and receive AC timing specifications.
Table 25. RGMII/RTBI, GMII, TBI, MII, and RMII DC Electrical Characteristics (when operating at 3.3 V)
Parameter
Symbol
Conditions
Min
Max
Unit
Notes
Supply voltage 3.3 V
LVDD
—
2.97
3.63
V
1
Output high voltage
VOH
IOH = –4.0 mA
LVDD = Min
2.40
LVDD + 0.3
V
—
Output low voltage
VOL
IOL = 4.0 mA
LVDD = Min
GND
0.50
V
—
Input high voltage
VIH
——
2.0
LVDD + 0.3
V
—
Input low voltage
VIL
—
—
–0.3
0.90
V
—
Input current
IIN
0 V
≤VIN ≤LVDD
—±10
μA—
Note:
1. GMII/MII pins that are not needed for RGMII, RMII, or RTBI operation are powered by the OVDD supply.
Table 26. RGMII/RTBI DC Electrical Characteristics (when operating at 2.5 V)
Parameters
Symbol
Conditions
Min
Max
Unit
Supply voltage 2.5 V
LVDD
—
2.37
2.63
V
Output high voltage
VOH
IOH = –1.0 mA
LVDD = Min
2.00
LVDD + 0.3
V
Output low voltage
VOL
IOL = 1.0 mA
LVDD = Min
GND – 0.3
0.40
V
Input high voltage
VIH
—LVDD = Min
1.7
LVDD + 0.3
V
Input low voltage
VIL
—LVDD = Min
–0.3
0.70
V
Input current
IIN
0 V
≤VIN ≤LVDD
—±10
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com