Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358ECVVALFHA Datasheet(PDF) 79 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 79 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 75Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 76Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 77Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 78Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 79Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 80Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 81Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 82Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
Freescale Semiconductor
79
Pinout Listings
No Connect
NC
AM16, AM17, AM20, AN13, AN16, AN17, AP10,
AP11, AP13, AP15, AP18, AR11, AR13, AR14,
AR15, AR16, AR17, AR20, AT11, AT12, AT13,
AT14, AT16, AT17, AT18, AU10, AU11, AU12,
AU13, AU15, AU19
——
—
Notes:
1. This pin is an open drain signal. A weak pull-up resistor (1 k
Ω) should be placed on this pin to OVDD.
2. This pin is an open drain signal. A weak pull-up resistor (2–10 k
Ω) should be placed on this pin to OVDD.
3. This output is actively driven during reset rather than being three-stated during reset.
4. These JTAG pins have weak internal pull-up P-FETs that are always enabled.
5. This pin should have a weak pull up if the chip is in PCI host mode. Follow PCI specifications recommendation.
6. These are On Die Termination pins, used to control DDR2 memories internal termination resistance.
7. This pin must always be tied to GND.
8. This pin must always be left not connected.
9. Refer to MPC8360E PowerQUICC II Pro Integrated Communications Processor Reference Manual section on “RGMII Pins,”
for information about the two UCC2 Ethernet interface options.
10.This pin must always be tied to GVDD.
11.It is recommended that MDIC0 be tied to GND using an 18.2
Ω resistor and MDIC1 be tied to DDR power using an 18.2 Ω
resistor for DDR2.
Table 67. MPC8358E TBGA Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com