Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358ECVVALFHA Datasheet(PDF) 98 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 98 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 94Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 95Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 96Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 97Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 98Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 99Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 100Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 101Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 102Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 98 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
98
Freescale Semiconductor
Configuration Pin Muxing
Figure 57. Driver Impedance Measurement
The value of this resistance and the strength of the driver’s current source can be found by making two measurements. First, the
output voltage is measured while driving logic 1 without an external differential termination resistor. The measured voltage is
V1 = Rsource × Isource. Second, the output voltage is measured while driving logic 1 with an external precision differential
termination resistor of value Rterm. The measured voltage is V2 = 1/(1/R1 +1/R2)) × Isource. Solving for the output impedance
gives Rsource = Rterm × (V1/V2 – 1). The drive current is then Isource =V1/Rsource.
This table summarizes the signal impedance targets. The driver impedance are targeted at minimum VDD, nominal OVDD,
105
° C.
23.6
Configuration Pin Muxing
The device provides the user with power-on configuration options that can be set through the use of external pull-up or
pull-down resistors of 4.7 k
Ωon certain output pins (see customer visible configuration pins). These pins are generally used as
output only pins in normal operation.
While HRESET is asserted however, these pins are treated as inputs. The value presented on these pins while HRESET is
asserted, is latched when HRESET deasserts, at which time the input receiver is disabled and the I/O circuit takes on its normal
function. Careful board layout with stubless connections to these pull-up/pull-down resistors coupled with the large value of the
pull-up/pull-down resistor should minimize the disruption of signal quality or speed for output pins thus configured.
Table 79. Impedance Characteristics
Impedance
Local Bus, Ethernet, DUART,
Control, Configuration, Power
Management
PCI
DDR DRAM
Symbol
Unit
RN
42 Target
25 Target
20 Target
Z0
W
RP
42 Target
25 Target
20 Target
Z0
W
Differential
NA
NA
NA
ZDIFF
W
Note: Nominal supply voltages. See Table 1, TJ = 105° C.
OVDD
OGND
RP
RN
Pad
Data
SW1
SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com