Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358ECVVALFHA Datasheet(PDF) 52 Page - NXP Semiconductors

Part # MPC8358ECVVALFHA
Description  PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC8358ECVVALFHA Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button MPC8358ECVVALFHA Datasheet HTML 48Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 49Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 50Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 51Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 52Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 53Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 54Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 55Page - NXP Semiconductors MPC8358ECVVALFHA Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 102 page
background image
MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5
52
Freescale Semiconductor
Timers AC Timing Specifications
13.2
Timers AC Timing Specifications
This table provides the timer input and output AC timing specifications.
This figure provides the AC test load for the timers.
Figure 39. Timers AC Test Load
14
GPIO
This section describes the DC and AC electrical specifications for the GPIO of the MPC8360E/58E.
14.1
GPIO DC Electrical Characteristics
This table provides the DC electrical characteristics for the device GPIO.
Table 50. Timers Input AC Timing Specifications1
Characteristic
Symbol2
Typ
Unit
Timers inputs—minimum pulse width
tTIWID
20
ns
Notes:
1. Input specifications are measured from the 50% level of the signal to the 50% level of the rising edge of CLKIN. Timings are
measured at the pin.
2. Timers inputs and outputs are asynchronous to any visible clock. Timers outputs should be synchronized before use by any
external synchronous logic. Timers inputs are required to be valid for at least tTIWID ns to ensure proper operation.
Table 51. GPIO DC Electrical Characteristics
Characteristic
Symbol
Condition
Min
Max
Unit
Notes
Output high voltage
VOH
IOH = –6.0 mA
2.4
—
V
1
Output low voltage
VOL
IOL = 6.0 mA
—
0.5
V
1
Output low voltage
VOL
IOL = 3.2 mA
—
0.4
V
1
Input high voltage
VIH
—2.0
OVDD + 0.3
V
1
Input low voltage
VIL
—–0.3
0.8
V
—
Input current
IIN
0 V
≤VIN ≤OVDD
—±10
μA—
Note:
1. This specification applies when operating from 3.3-V supply.
Output
Z0 = 50 Ω
OVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com