Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5191ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCA5191ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5191ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADCA5191ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Data Sheet
ADCA5191
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Frequency range of 5 MHz to 1800 MHz
►
High gain of 25.8 dB at 1800 MHz
►
Excellent reverse isolation: −37 dB typical
►
Excellent NPR (MER) performance: 51 dB at 67 dBmV TCP
►
Excellent return losses:
►
−20 dB at 45 MHz to 1218 MHz
►
−18 dB at 1218 MHz to 1800 MHz
►
VDD operation: 5.0 V to 8.0 V
►
Configurable dc current (total) from 250 mA to 530 mA
►
32-lead, 5 mm x 5 mm, LFCSP
APPLICATIONS
►
45 MHz to 1800 MHz CATV infrastructure amplifier systems
►
5 MHz to 700 MHz upstream
►
Remote physical layer (PHY)
►
DOCSIS
® 3.1 and DOCSIS 4.0 compliant
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The ADCA5191 is a medium power gain block amplifier that pro-
vides excellent linearity across a flexible bias range allowing power
efficient design implementation for various applications.
The device provides 25.8 dB of flat gain up to 1800 MHz, making
this ideal for Data Over Cable Service Interface Specification (DOC-
SIS) 4.0 downstream applications. The device is also well suited for
upstream applications to 700 MHz as the output stage. It is conven-
iently packaged in an industry-standard, 5 mm × 5 mm, 32-lead,
lead frame chip-scale package (LFCSP) with an exposed pad on
the bottom of the package for improved thermal performance.


Similar Part No. - ADCA5191ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCA5190 AD-ADCA5190 Datasheet
883Kb / 22P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5190-EVALZ AD-ADCA5190-EVALZ Datasheet
883Kb / 22P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5190ACPZ AD-ADCA5190ACPZ Datasheet
883Kb / 22P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5190ACPZ-R7 AD-ADCA5190ACPZ-R7 Datasheet
883Kb / 22P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
ADCA5192 AD-ADCA5192 Datasheet
1Mb / 25P
5 MHz to 1794 MHz Broadband CATV Amplifier
Rev. 0
More results

Similar Description - ADCA5191ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAFLCT0032 MACOM-MAFLCT0032 Datasheet
158Kb / 4P
Broadband CATV Diplexer 5 - 1000 MHz
MAAMSS0042 MACOM-MAAMSS0042 Datasheet
157Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAFLCT0006 MACOM-MAFLCT0006 Datasheet
120Kb / 3P
Broadband CATV Diplexer 5 - 870 MHz
MAFLES0018 MACOM-MAFLES0018 Datasheet
142Kb / 4P
Broadband CATV Diplexer 5 - 1000 MHz
MAFLES0118 MACOM-MAFLES0118 Datasheet
118Kb / 3P
Broadband CATV Diplexer 5 - 870 MHz
logo
M/A-COM Technology Solu...
MAAMSS0031 MA-COM-MAAMSS0031 Datasheet
168Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0041 MA-COM-MAAMSS0041 Datasheet
169Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0042 MA-COM-MAAMSS0042 Datasheet
158Kb / 4P
Broadband CATV Amplifier 50 - 1000 MHz
MAAMSS0060 MA-COM-MAAMSS0060 Datasheet
188Kb / 6P
Broadband CATV Amplifier 50 - 1000 MHz
logo
Analog Devices
ADCA5190 AD-ADCA5190 Datasheet
883Kb / 22P
5 MHz to 1800 MHz Broadband CATV Amplifier
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com