Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5191ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADCA5191ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5191ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADCA5191ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Data Sheet
ADCA5191
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 24
DOCSIS 3.1 DOWNSTREAM PERFORMANCE (SEE FIGURE 39)
190×, ITU-T J.83B, SCQAM 6 MHz Channels, and 54 MHz to 1218 MHz, unless otherwise noted. In Figure 22 to Figure 30, the performance at
the lower output power is limited by the test equipment and is not indicative of the noise performance of the device.
Figure 22. NPR vs. Frequency Over TCP, 10 dB Tilt, VDD = 8.0 V
Figure 23. NPR vs. TCP Over Temperature, Worst Case Frequency, 10 dB Tilt,
VDD = 8.0 V
Figure 24. NPR vs. TCP Over Temperature, Worst Case Frequency, 0 dB Tilt,
VDD = 8.0 V
Figure 25. NPR vs. TCP Over Frequency, 10 dB Tilt, VDD = 8.0 V
Figure 26. NPR vs. TCP Over Frequency, 0 dB Tilt, VDD = 8.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com