Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5191ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADCA5191ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5191ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADCA5191ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADCA5191
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 19 of 24
DOWNSTREAM APPLICATIONS CIRCUIT
The schematic in Figure 39 is recommended for downstream cable
system applications from 45 MHz to 1800 MHz. Recommended
values for all components are in the BOM listed in Table 10. T1
is an RF transformer configured to transform the single-ended 75
Ω RF input to a differential signal that drives the 37.5 Ω inputs of
the ADCA5191 (RFIN and RFIP). The voltage at Pin 1 of E2 is
the filtered supply voltage, VDD. This voltage is connected through
a series of components (R6, R4, and E1) and supplies the dc
reference on the RF input side of T1. C6 stabilizes this reference
and serves as the ac ground for the RF input signal.
T2 is an RF transformer configured to transform the differential 37.5
Ω outputs (RFON and RFOP) to a single-ended 75 Ω RF output.
The C2, C3, C5, C7, C8, C13, C14, C21, L8, L9, L10, and L11
components are intended for impedance matching, and these com-
ponents must be optimized to match the RF input source and RF
output load. Capacitor C4 blocks the dc voltage of the RF input
source. Capacitor C27 and Capacitor C28 are for blocking the dc
voltage at the RFOP (Pin 22 and Pin 23) and RFON (Pin 18 and
Pin 19) output pins. Inductors L2 and L3 are RF chokes connected
to the filtered VDD supply voltage. The passive networks connected
to the BIASA and BIASB pins (Pin 11 and Pin 30) are also part
of the supply and biasing required for the ADCA5191 and are
discussed in detail in the Supply Voltage and Bias Current section.
Figure 39. Suggested Downstream Cable TV (CATV) Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com