Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5191ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADCA5191ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5191ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADCA5191ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Data Sheet
ADCA5191
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 20 of 24
DOWNSTREAM CABLE APPLICATION CIRCUIT BILL OF MATERIALS
Table 10. Downstream Bill of Materials1
Reference Designator Value
Tolerance
Min Rating
Footprint
Suggested Vendor Suggested Part Number
C3
0.4 pF
±0.1 pF
50 V
0402
Murata
GRM1555C2AR40BA1D
C5
0.6 pF
±0.1 pF
100 V
0201
Murata
GRM0335C2AR60BA01D
C6
0.01 µF
10%
50 V
0201
Taiyo Yuden
UMK063BJ103KP-F
C7, C8
0.5 pF
±0.1 pF
100 V
0402
Murata
GRM1555C2AR50BA01D
C11
0.01 µF
20%
100 V
0603
TDK
C1608X7R2A103M080AA
C12
2.2 µF
10%
50 V
1210
Kyocera AVX
TAJB225K050RNJ
C13, C14
0.6 pF
±0.1 pF
100 V
0402
Murata
GRM1555C2AR60BA01D
C15
0.047 µF
10%
50 V
0603
TDK
06035C473KAT4A
C27, C28
160 pF
1%
50 V
0402
Murata
GRT1555C1H161FA02D
C4, C9, C16, C17,
C23, C24, C25, C26
0.01 µF
10%
100 V
0402
TDK
810-C1005X7S2A103K
E1
1000 Ω ferrite
25%
170 mA
0201
Murata
BLM03BX102SN1D
E2
220 Ω ferrite
25%
1.8 A
0603
Taiyo Yuden
FBMH1608HM221-T
L1
2.2 µH
20%
1.6 A
1210
Taiyo Yuden
BRL3225T2R2M
L2, L3
270 nH
5%
590 mA
0402
Coilcraft
0402DF-271XJRW
L4, L5
470 nH
5%
610 mA
0603
Coilcraft
0603AF-471XJEW
L6, L7
10 nH
3%
250 mA
0201
Murata
LQP03TN10NH02D
L8
5.6 nH
0.2 nH
800 mA
0402
Murata
LQW15AN5N6C10D
L9, L10, L11
0 Ω
N/A
0.1 W
0402
Panasonic
ERJ-2GE0R00X
R1, R7
10 Ω
1%
0.1 W
0402
Panasonic
ERJ-2RKF10R0X
R4, R6
365 Ω
1%
62.5 mW
0402
Yageo
RC0402FR-07365RL
R8
2 kΩ
1%
50 mW
0201
Panasonic
ERJ-1GNF2001C
R9, R10
33 Ω
1%
200 mW
0402
Vishay
CRCW040233R0FKEDHP
120 Ω
1%
50 mW
0201
Panasonic
ERJ-1GNF1200C
T1, T2
1:1 transformer
N/A
N/A
99-01-1618-2
Mini-Circuits
TRS1-182-75-3+
U1
CATV amplifier
N/A
N/A
5 mm × 5 mm, 32-
lead LFSCP
Analog Devices,
Inc.
ADCA5191
C2, C20, C21
Do not install
N/A
N/A
0402
N/A
Do not install
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com