Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5191ACPZ-R7 Datasheet(PDF) 2 Page - Analog Devices

Part # ADCA5191ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5191ACPZ-R7 Datasheet(HTML) 2 Page - Analog Devices

  ADCA5191ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Data Sheet
ADCA5191
TABLE OF CONTENTS
analog.com
Rev. 0 | 2 of 24
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................1
Specifications ....................................................... 3
General Downstream Performance....................3
General Upstream Performance........................ 4
Distortion Data....................................................4
Absolute Maximum Ratings...................................6
Thermal Resistance .......................................... 6
Electrostatic Discharge (ESD) Ratings...............6
ESD Caution.......................................................6
Pin Configuration and Function Descriptions........ 7
Typical Performance Characteristics..................... 8
S-Parameters for Downstream Application
(See Figure 39)................................................ 8
S-Parameters for Upstream Application
(See Figure 40)................................................ 9
DOCSIS 4.0 Downstream Performance
(See Figure 39).............................................. 10
DOCSIS 3.1 Downstream Performance
(See Figure 39).............................................. 13
Distortion and Noise Performance .................. 15
DOCSIS Upstream Performance (See
Figure 40)....................................................... 16
Theory of Operation ............................................17
Applications Information...................................... 18
Thermal Considerations................................... 18
Soldering Information and Recommended
PCB Land Pattern.......................................... 18
Downstream Applications Circuit......................19
Downstream Cable Application Circuit Bill of
Materials.........................................................20
Upstream Application Circuit............................ 21
Upstream Cable Applications Circuit Bill of
Materials.........................................................22
Supply Voltage and Bias Current .................... 23
Outline Dimensions............................................. 24
Ordering Guide.................................................24
Evaluation Boards............................................ 24
REVISION HISTORY
5/2022—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com