Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5191ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADCA5191ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5191ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADCA5191ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Data Sheet
ADCA5191
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 22 of 24
UPSTREAM CABLE APPLICATIONS CIRCUIT BILL OF MATERIALS
Table 11. Upstream Bill of Materials1
Reference Designator
Value
Tolerance
Min Rating
Footprint
Suggested
Vendor
Suggested Part Number
C4, C6, C16, C18, C25, C33
1 μF
10%
50 V
0402
Murata
GRM155R61H105KE05D
C7, C8
2 pF
0.1 pF
50 V
0201
Murata
GRM0335C1H2R0BA01D
C9, C24
0.01 μF
10%
100 V
0402
TDK
C1005X7S2A103K050BB
C11
0.01 μF
20%
100 V
0603
TDK
C1608X7R2A103M080AA
C12
2.2 μF
10%
50 V
1210
Kyocera AVX
TAJB225K050RNJ
C15
1 μF
10%
50 V
0603
Murata
GRT188R61H105KE13D
C19, C27
1000 pF
1%
50 V
0402
Murata
GCM155R71H102KA37D
E1
1000 Ω ferrite
25%
170 mA
0201
Murata
BLM03BX102SN1D
E2
220 Ω ferrite
25%
1.8 A
0603
Taiyo Yuden
FBMH1608HM221-T
E3, E4
1500 Ω ferrite
40%
230 mA
0402
TDK
MMZ1005A152ET000
L1
2.2 μH
20%
1.6A
1210
Taiyo Yuden
BRL3225T2R2M
L8
5 Ω
1%
62.5 mW
0402
Vishay
CRCW04024R99FNED
L4, L5
4.7 μH
20%
80 mA
0603
Murata
LQM18FN4R7M00D
L9
3.3 nH
0.2 nH
900 mA
0402
Murata
LQW15AN3N3C10D
R1, R7
10 Ω
1%
100 mW
0402
Panasonic
ERJ-2RKF10R0X
R6
1470 Ω
1%
62.5 mW
0402
Yageo
RC0402FR-071K47L
R8
1470 Ω
1%
50 mW
0201
Panasonic
ERJ-1GNF1471C
R9, R10
33 Ω
1%
200 mW
0402
Vishay
CRCW040233R0FKEDHP
R14, R16
150 Ω
1%
62.5 mW
0402
Yageo
RC0402FR-07150RL
T1
1:1 transformer
N/A
N/A
AT224-3
Mini-Circuits
TC1-33-75G2+
T2
1:1 transformer
N/A
N/A
S20
MiniRF
MRFXF5R17
U1
CATV amplifier
N/A
N/A
5 mm × 5 mm, 32-
lead LFSCP
Analog
Devices
ADCA5191
C31, C32, L10, L11, R2, R4,
R13
0 Ω
N/A
N/A
0402
Panasonic
ERJ-2GE0R00X
C2, C3, C13, C14, C17, C20,
C21, C23
Do not install
N/A
N/A
0402
N/A
N/A
C5
Do not install
N/A
N/A
0201
N/A
N/A
1 N/A means not applicable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com