Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCA5191ACPZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADCA5191ACPZ-R7
Description  5 MHz to 1800 MHz Broadband CATV Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCA5191ACPZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADCA5191ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADCA5191ACPZ-R7 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADCA5191
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 21 of 24
UPSTREAM APPLICATION CIRCUIT
The schematic in Figure 40 is recommended for upstream cable
system applications from 5 MHz to 700 MHz. Recommended val-
ues for all components are in the BOM listed in Table 11. T1 is
an RF transformer configured to transform the single-ended 75 Ω
RF input to a differential signal that drives the 37.5 Ω inputs of
the ADCA5191 (RFIN and RFIP). The voltage at Pin 1 of E2 is
the filtered supply voltage, VDD. This voltage is connected through
a series of components (R6, R4, and E1) and supplies the dc
reference at Pin 4 of T1. C6 stabilizes this reference and serves as
the ac ground for the RF input signal.
T2 is an RF transformer configured to transform the differential 37.5
Ω outputs (RFIN and RFIP) to a single-ended 75 Ω RF output.
The C2, C3, C5, C7, C8, C13, C14, C20, C21, L8, L9, L10, and
L11 components are intended for impedance matching, and these
components must be optimized to match the RF input source and
RF output load. Capacitor C4 blocks the dc voltage of the RF input
source. Capacitor C33 is for blocking the dc voltage from T2 to
RF_OUT. The VDD supply is connected through T2. The passive
networks connected to the BIASA and BIAS2A and the BIASB
and BIAS2B pins (Pin 11, Pin 14, Pin 27, and Pin 30) are also
part of the supply and biasing required for the ADCA5191 and
are discussed in additional detail in the Supply Voltage and Bias
Current section.
Figure 40. Suggested Upstream CATV Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com