Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART2K0FE Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # ART2K0FE
Description  Power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART2K0FE Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  ART2K0FE Datasheet HTML 1Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 2Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 3Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 4Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 5Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 6Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 7Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 8Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ART2K0FE_2K0FES_2K0FEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 4 — 22 March 2022
4 of 18
ART2K0FE(S)(G)
Power LDMOS transistor
(1)
 = 1 %
(2)
 = 2 %
(3)
 = 5 %
(4)
 = 10 %
(5)
 = 20 %
(6)
 = 50 %
(7)
 = 100 % (DC)
Fig 1.
Transient thermal impedance from junction to case as a function of pulse
duration
amp01730
10-7
10-6
10-5
10-4
10-3
10-2
10-1
1
10
0
0.02
0.04
0.06
0.08
0.1
tp (s)
Zth(j-c)
th(j-c)
Zth(j-c)
(K/W)
(K/W)
(K/W)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)
(7)
(7)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com