Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART2K0FE Datasheet(PDF) 11 Page - Ampleon Netherlands B.V.

Part # ART2K0FE
Description  Power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART2K0FE Datasheet(HTML) 11 Page - Ampleon Netherlands B.V.

Back Button ART2K0FE Datasheet HTML 7Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 8Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 9Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 10Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 11Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 12Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 13Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 14Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 15Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
ART2K0FE_2K0FES_2K0FEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 4 — 22 March 2022
11 of 18
ART2K0FE(S)(G)
Power LDMOS transistor
8.
Package outline
Fig 11. Package outline SOT539AN
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT539AN
sot539an_po
20-04-20
Unit(1)
mm
max
nom
min
4.7
4.2
11.81
11.56
31.55
30.94
31.52
30.96
9.5
9.3
9.53
9.27
1.75
1.50
17.12
16.10
3.48
2.97
10.29
10.03
0.51
A
Dimensions
Flanged balanced ceramic package; 2 mounting holes; 4 leads
SOT539AN
bc
0.18
0.10
DD1
EE1
e
13.72
FH
H1
25.53
25.27
LU1
41.28
41.02
U2
w2
inches
max
nom
min
0.185
0.165
0.465
0.455
1.242
1.218
1.241
1.219
0.374
0.366
0.375
0.365
0.069
0.059
0.674
0.634
0.137
0.117
3.30
3.05
p
0.130
0.120
2.26
2.01
Q
0.089
0.079
0.405
0.395
0.02
0.25
w1
0.01
35.56
1.400
0.25
w3
0.01
0.007
0.004
0.54
1.005
0.995
1.625
1.615
Note
1. millimeter dimensions are derived from the original inch dimensions.
2. recommended screw pitch dimension of 1.52 inch (38.6 mm) based on M3 screw.
3. ceramic window frame has a minimum thickness of 0.400 mm.
0
5
10 mm
scale
p
A
F
b
e
D
U2
L
H
Q
c
5
12
4
3
D1
E
A
w1
AB
M
M
M
q
U1
H1
C
B
M
M
w2
C
E1
M
w3
X
(note 3)
detail X
q(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com