Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART2K0FE Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # ART2K0FE
Description  Power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART2K0FE Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button ART2K0FE Datasheet HTML 2Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 3Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 4Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 5Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 6Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 7Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 8Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 9Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ART2K0FE_2K0FES_2K0FEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 4 — 22 March 2022
6 of 18
ART2K0FE(S)(G)
Power LDMOS transistor
7.
Test information
7.1 Ruggedness in class-AB operation
The ART2K0FE, ART2K0FES and ART2K0FEG are capable of withstanding a load
mismatch corresponding to VSWR
 65 : 1 through all phases under the following
conditions: VDS =65V; IDq = 100 mA per section; PL = 2000 W pulsed; tp =100 s;
 =10%; f=108MHz.
7.2 Impedance information
Table 8.
RF characteristics
Test signal: pulsed RF; tp =100 s; = 5 %; f = 108 MHz; RF performance at VDS =65 V;
IDq = 50 mA per section; Tcase =25 C; unless otherwise specified; in a class-AB production test
circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL = 2000 W
27.0
28.4
-
dB
RLin
input return loss
PL = 2000 W
-
13.9
-
dB
D
drain efficiency
PL = 2000 W
69.0
72.1
-
%
Fig 3.
Definition of transistor impedance
Table 9.
Typical push-pull impedance
Simulated Zi and ZL device impedance; impedance info at VDS = 65 V and PL =2000W.
f
Zi
ZL
(MHz)
(
)
(
)
108
2.4
 j8.7
3.8 + j1.0
amp01314
gate 1
gate 2
drain 2
drain 1
ZL
Zi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com