Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART2K0FE Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # ART2K0FE
Description  Power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART2K0FE Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  ART2K0FE Datasheet HTML 1Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 2Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 3Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 4Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 5Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 6Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 7Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 8Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
ART2K0FE_2K0FES_2K0FEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 4 — 22 March 2022
5 of 18
ART2K0FE(S)(G)
Power LDMOS transistor
6.
Characteristics
Table 6.
DC characteristics
Tj = 25 C; per section unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
V(BR)DSS drain-source breakdown voltage VGS =0V; ID = 5.5 mA
203
208
-
V
VGS(th)
gate-source threshold voltage
VDS =20 V; ID = 550 mA
1.5
2.1
2.5
V
IDSS
drain leakage current
VGS =0V; VDS =65V
-
-
2.8
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =20V
-77
-
A
IGSS
gate leakage current
VGS =11V; VDS = 0 V
-
-
280
nA
RDS(on)
drain-source on-state resistance VGS =VGS(th) + 3.75 V;
ID =19.25 A
-
0.100 -
Table 7.
AC characteristics
Tj = 25 C; per section unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max Unit
Crs
feedback capacitance
VGS =0V; VDS =65V; f=1MHz
-
1.73
-
pF
Ciss
input capacitance
VGS =0V; VDS =65V; f=1MHz
-
610
-
pF
Coss
output capacitance
VGS =0V; VDS =65V; f=1MHz
-
181
-
pF
VGS =0V; f = 1 MHz
Fig 2.
Output capacitance as a function of drain-source voltage; typical values per
section
amp01194
0
10
20
30
40
50
60
70
0
400
800
1200
1600
VDS (V)
Coss
oss
Coss
(pF)
(pF)
(pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com