Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART2K0FE Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # ART2K0FE
Description  Power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART2K0FE Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  ART2K0FE Datasheet HTML 1Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 2Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 3Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 4Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 5Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 6Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 7Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 8Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1.
Product profile
1.1 General description
Based on Advanced Rugged Technology (ART), this 2000 W LDMOS RF power transistor
has been designed to cover a wide range of applications for ISM, broadcast and
communications. The unmatched transistor has a frequency range of 1 MHz to 400 MHz.
[1]
tp =10 s;  = 10 %.
[2]
Center band performance numbers across the indicated frequency range.
[3]
Typical performance numbers across the indicated frequency range.
[4]
Symmetric Ultra Wideband Doherty.
1.2 Features and benefits
High breakdown voltage enables class E operation up to VDS =53V
Qualified up to a maximum of VDS =65V
Characterized from 30 V to 65 V to support a wide range of applications
Integrated dual sided ESD protection enables class C operation and complete switch
off of the transistor
Excellent ruggedness with no device degradation
High efficiency
Excellent thermal stability
Designed for broadband operation
For RoHS compliance see the product details on the Ampleon website
ART2K0FE; ART2K0FES;
ART2K0FEG
Power LDMOS transistor
Rev. 4 — 22 March 2022
Product data sheet
Table 1.
Application information
Test signal
f
VDS
PL
Gp
D
(MHz)
(V)
(W)
(dB)
(%)
CW
41.0
65
1600
29.0
79
CW
60.0
65
1750
26.8
80
CW pulsed [1]
64.0
63
2180
27.5
78
CW [2]
87.5 to 108
60
1650
26
83.5
DVB-T [3][4]
170 to 240
63
250
21
48
CW
352
65
1500
19
74


Similar Part No. - ART2K0FE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ART2K IRF-ART2K Datasheet
140Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC/DC CONVERTER
ART2K IRF-ART2K Datasheet
231Kb / 12P
HYBRID - HIGH RELIABILITY RADIATION HARDENED DC-DC CONVERTER
More results

Similar Description - ART2K0FE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
Power LDMOS transistor
Rev. 01-28 January 2008
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
Power LDMOS transistor
Rev. 03-13 January 2009
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
Power LDMOS transistor
Rev. 3-18 November 2010
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
Power LDMOS transistor
Rev. 5-12 November 2013
BLA8G1011L(S)-300 PHILIPS-BLA8G1011L(S)-300_15 Datasheet
200Kb / 14P
Power LDMOS transistor
Rev. 2-26 January 2015
BLC8G22LS-450AV PHILIPS-BLC8G22LS-450AV_15 Datasheet
225Kb / 15P
Power LDMOS transistor
Rev. 3-2 June 2015
BLF6G10-200RN PHILIPS-BLF6G10-200RN_15 Datasheet
169Kb / 11P
Power LDMOS transistor
Rev. 02-21 January 2010
BLF6G13L-250P PHILIPS-BLF6G13L-250P_15 Datasheet
159Kb / 14P
Power LDMOS transistor
Rev. 3-14 October 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com