Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART2K0FE Datasheet(PDF) 10 Page - Ampleon Netherlands B.V.

Part # ART2K0FE
Description  Power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART2K0FE Datasheet(HTML) 10 Page - Ampleon Netherlands B.V.

Back Button ART2K0FE Datasheet HTML 6Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 7Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 8Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 9Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 10Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 11Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 12Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 13Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 14Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ART2K0FE_2K0FES_2K0FEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 4 — 22 March 2022
10 of 18
ART2K0FE(S)(G)
Power LDMOS transistor
IDq = 100 mA per section; f = 108 MHz; tp = 100 s;
 =10%.
(1) VDS = 65 V
(2) VDS = 60 V
(3) VDS = 55 V
(4) VDS = 50 V
(5) VDS = 40 V
(6) VDS = 30 V
IDq = 100 mA per section; f = 108 MHz; tp = 100 s;
 =10 %.
(1) VDS = 65 V
(2) VDS = 60 V
(3) VDS = 55 V
(4) VDS = 50 V
(5) VDS = 40 V
(6) VDS = 30 V
Fig 9.
Power gain as a function of output power;
typical values
Fig 10. Drain efficiency as a function of output power;
typical values
amp01200
0
400
800
1200
1600
2000
2400
24
26
28
30
32
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
(1)
(1)
(1)
(2)
(2)
(2)
(3)
(3)
(3)
(4)
(4)
(4)
(5)
(5)
(5)
(6)
(6)
(6)
amp01201
0
400
800
1200
1600
2000
2400
0
20
40
60
80
PL (W)
ηD
ηD
(%)
(%)
(%)
(6)
(6)
(6)
(5)
(5)
(5)
(4)
(4)
(4)
(3)
(3)
(3)
(2)
(2)
(2)
(1)
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com