Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ART2K0FE Datasheet(PDF) 7 Page - Ampleon Netherlands B.V.

Part # ART2K0FE
Description  Power LDMOS transistor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART2K0FE Datasheet(HTML) 7 Page - Ampleon Netherlands B.V.

Back Button ART2K0FE Datasheet HTML 3Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 4Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 5Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 6Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 7Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 8Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 9Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 10Page - Ampleon Netherlands B.V. ART2K0FE Datasheet HTML 11Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
ART2K0FE_2K0FES_2K0FEG
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2022. All rights reserved.
Product data sheet
Rev. 4 — 22 March 2022
7 of 18
ART2K0FE(S)(G)
Power LDMOS transistor
7.3 Test circuit
Printed-Circuit Board (PCB): RF-35;
r = 3.5 F/m; thickness = 0.762 mm.
See Table 10 for a list of components.
Fig 4.
Component layout
C28
C27
+
-
+
T1
T2
-
R4
L1
C10
C1
L3
C13
C11
C14
R7/R8
C12
C7
C2
C5
R3
C3
R2
C18
C4
C6
C20
L2
L4
C21
C16
C15
C22
C23
C24
C25
R1
C9
C26
C17
C19
C8
R5/R6
200 mm
90 mm
amp01195
46.0 mm
12.0 mm
73.0 mm
32.6 mm
12.0 mm
Table 10.
List of components
For test circuit see Figure 4.
Component
Description
Value
Remarks
C1, C26
multilayer ceramic chip capacitor
470 pF
[1]
C2, C3
multilayer ceramic chip capacitor
68 pF
[1]
C4
multilayer ceramic chip capacitor
43 pF
[1]
C5
multilayer ceramic chip capacitor
240 pF
[1]
C6, C7
multilayer ceramic chip capacitor
4.7
F, 50 V
Murata: GRM32ER71H475KA88L
C8, C9, C10, C11
multilayer ceramic chip capacitor
820 pF
[1]
C12, C13
multilayer ceramic chip capacitor
180 pF
[1]
C14, C15
multilayer ceramic chip capacitor
39 pF
[1]
C16, C17
multilayer ceramic chip capacitor
4.7
F, 100 V
TDK: C5750X7R2A475KT/A
C18, C19
multilayer ceramic chip capacitor
56 pF
[1]
C20, C21
multilayer ceramic chip capacitor
51 pF
[1]
C22, C23
multilayer ceramic chip capacitor
120 pF
[1]
C24, C25
multilayer ceramic chip capacitor
20 pF
[1]
C27, C28
electrolytic capacitor
2200
F, 100 V
L1, L2
air inductor
47 nH
Coilcraft: 1515SQ-47N
L3, L4
air inductor
82 nH
Coilcraft: 1515SQ-82N
R1, R2
resistor
4.7 k
SMD 1206



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com