Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599B Datasheet(PDF) 16 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 12Page - NXP Semiconductors TDF8599B Datasheet HTML 13Page - NXP Semiconductors TDF8599B Datasheet HTML 14Page - NXP Semiconductors TDF8599B Datasheet HTML 15Page - NXP Semiconductors TDF8599B Datasheet HTML 16Page - NXP Semiconductors TDF8599B Datasheet HTML 17Page - NXP Semiconductors TDF8599B Datasheet HTML 18Page - NXP Semiconductors TDF8599B Datasheet HTML 19Page - NXP Semiconductors TDF8599B Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
16 / 54
In I2C-bus mode, DC offsets generate a voltage shift around the bias voltage. When
the voltage shift exceeds threshold values, the offset alarm bit DB1[D2] is set and if bit
IB1[D7] is not set, diagnostic information is also given. Any detected offset shuts down
both channels when bit IB2[D7] is not set. To restart the TDF8599B in I2C-bus mode, pin
EN must be toggled or DCP disabled by connecting pin DCP to pin AGND.
In non-I2C-bus mode, when an offset is detected, DCP always gives diagnostic
information on pin DIAG and shuts down both channels.
Connecting a capacitor between pins DCP and AGND enables DC offset protection.
Connecting pin DCP to pin AGND disables DCP in both I2C-bus and non-I2C-bus mode.
8.5.6 Supply voltages
UnderVoltage Protection (UVP) is activated when the supply voltage drops below the
UVP threshold. UVP triggers the UVP circuit causing the system to first mute and then
stop switching. When the supply voltage rises above the threshold level, the system
restarts.
OverVoltage Protection (OVP) is activated when the supply voltage exceeds the
OVP threshold. The OVP (or load dump) circuit is activated and the power stages are
shutdown.
An overview of all protection circuits and the amplifier states is given in Table 10.
8.5.7 Overview of protection circuits and amplifier states
Table 10. Overview of TDF8599B protection circuits and amplifier states
Protection circuit name
Amplifier state
Complete
shutdown
Channel
shutdown
Restart[1]
TFP
N[2]
N[2]
Y[3]
OTP
Y
N
Y[3]
OCP
N
Y
Y[4]
WP
N
Y
Y
DCP
Y
N
N[5]
UVP
Y
N
Y[6]
OVP
Y
N
Y
[1]
When fault is removed.
[2]
Amplifier gain depends on the junction temperature and size of the heat sink.
[3]
TFP influences restart timing depending on heat sink size.
[4]
Shorted load causes a restart of the channel every 50 ms.
[5]
Latched protection is reset by toggling pin EN or by disabling DCP in I2C-bus mode.
[6]
In I2C-bus mode deep supply voltage drops will cause a Power-On Reset (POR). The restart requires an I2C-bus
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com