Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599B Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 9Page - NXP Semiconductors TDF8599B Datasheet HTML 10Page - NXP Semiconductors TDF8599B Datasheet HTML 11Page - NXP Semiconductors TDF8599B Datasheet HTML 12Page - NXP Semiconductors TDF8599B Datasheet HTML 13Page - NXP Semiconductors TDF8599B Datasheet HTML 14Page - NXP Semiconductors TDF8599B Datasheet HTML 15Page - NXP Semiconductors TDF8599B Datasheet HTML 16Page - NXP Semiconductors TDF8599B Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
13 / 54
8.4.2 Phase staggering (Slave mode)
In Slave mode with phase lock operation enabled, a phase shift with respect to the
incoming clock signal can be selected to distribute the switching moments over time.
In non-I2C-bus mode, 1/2 π phase shift can be programmed using pin MOD. In I2C-bus
mode, five different phase shifts (1/4 π, 1/3 π, 1/2 π, 2/3 π, 3/4 π) can be selected using
the I2C-bus bits (IB3[D1:D3]). See Table 8 for selection of the phase shift in non-I2C-
bus mode with pin MOD. An additional capacitor must be connected to pin SSM when
1/4 π phase shift is used (see Figure 8). An example of using 1/2 π phase shift for BD
modulation is shown in Figure 12.
001aai783
OUT1P
phase
0
π
OUT1N
OUT2P
OUT2N
OUT1P
OUT1N
OUT2P
master
slave
OUT2N
π
1
2
π
2
3
Figure 12. Master and slave operation with 1/2 π phase shift
8.4.3 Parallel mode
In Parallel mode; the two output stages operate in parallel to enlarge the drive capability.
The inputs and outputs for Parallel mode must be connected on the Printed-Circuit Board
(PCB) as shown in Figure 13. The parallel connection can be made after the output filter,
as shown in Figure 13 or directly to the device output pins (OUTxP and OUTxN).
001aak219
IN1P
MOD
RMOD
IN2N
IN1N
OUT1N
OUT2N
OUT1P
OUT2P
+
-
-
+
IN2P
TDF8599B
Figure 13. Parallel mode
In Parallel mode, the channel 1 I2C-bus bits can be programmed using the I2C-bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com