Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599B Datasheet(PDF) 26 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 22Page - NXP Semiconductors TDF8599B Datasheet HTML 23Page - NXP Semiconductors TDF8599B Datasheet HTML 24Page - NXP Semiconductors TDF8599B Datasheet HTML 25Page - NXP Semiconductors TDF8599B Datasheet HTML 26Page - NXP Semiconductors TDF8599B Datasheet HTML 27Page - NXP Semiconductors TDF8599B Datasheet HTML 28Page - NXP Semiconductors TDF8599B Datasheet HTML 29Page - NXP Semiconductors TDF8599B Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
26 / 54
10 Limiting values
Table 17. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min Max Unit
Operating mode
-
29
V
off state
[1] −1
+50
V
VP
supply voltage
load dump; duration
50 ms; tr > 2.5 ms
-
50
V
IORM
repetitive peak output
current
maximum output current
limiting
[2] 8
-
A
maximum; non-repetitive
stereo mode
-
20
A
IOM
peak output current
parallel mode
-
13
A
Vi
input voltage
pins SCL, SDA, ADS,
MOD, SSM, OSCIO, EN
and SEL_MUTE
0
5.5
V
pins IN1N, IN1P, IN2N
and IN2P
0
10
V
Vo
output voltage
pins DIAG and CLIP
0
10
V
RESR
equivalent series resistance as seen between pins
VP
and PGNDn
-
350
mΩ
Tj
junction temperature
-
150
°C
Tstg
storage temperature
−55
+150 °C
Tamb
ambient temperature
−40
+85
°C
VESD
electrostatic discharge
voltage
HBM
[3]
C = 100 pF;
Rs = 1.5 kΩ
-
2000 V
CDM
[4]
non-corner pins
-
500
V
corner pins
-
750
V
V(prot)
protection voltage
AC and DC short circuit
voltage of output pins
across load and to
supply and ground
[5] 0
VP
V
[1]
floating condition assumed for outputs
[2]
current limiting concept
[3]
Human Body Model (HBM)
[4]
Charged-Device Model (CDM)
[5]
The output pins are defined as the output pins of the filter connected between the TDF8599B output pins and the load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com