Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599B Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 5Page - NXP Semiconductors TDF8599B Datasheet HTML 6Page - NXP Semiconductors TDF8599B Datasheet HTML 7Page - NXP Semiconductors TDF8599B Datasheet HTML 8Page - NXP Semiconductors TDF8599B Datasheet HTML 9Page - NXP Semiconductors TDF8599B Datasheet HTML 10Page - NXP Semiconductors TDF8599B Datasheet HTML 11Page - NXP Semiconductors TDF8599B Datasheet HTML 12Page - NXP Semiconductors TDF8599B Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
9 / 54
8.3.2 Spread spectrum mode (Master mode)
Spread spectrum mode is a technique of modulating the oscillator frequency with a
slowly varying signal to broaden the switching spectrum, thereby reducing the spectral
density of the EMI. Connecting a capacitor (CSSM) to pin SSM enables Spread spectrum
mode (see Figure 6). When pin SSM is connected to pin AGND, Spread spectrum mode
is disabled.
The capacitor on pin SSM (CSSM) sets the spreading frequency when Spread spectrum
mode is active. The current (ISSM) flowing in and out of pin SSM is typically 5 μA.
This gives a triangular voltage on pin SSM that sweeps around the voltage set by pin
OSCSET ± 5 %. The voltage on pin SSM is used to modulate the oscillator frequency.
The spread spectrum frequency (fSSM) can be calculated using Equation 2:
(2)
where the voltage on pin OSCSET = V1 and is calculated as 100 μA × Rosc (V) with
ISSM = 5 μA.
001aai773
100 µA
Rosc
SSM
Cosc
OSCSET
a. Off
Figure 6. Spread spectrum mode
001aai774
100 µA
5 µA
ISSM
Rosc
SSM
Cosc
CSSM
OSCSET
b. On
The frequency swings between 0.95 × fosc and 1.05 × fosc. See Figure 7.
001aai775
t (ms)
OSCIO
max(V)
min(V)
SSM
Figure 7. Spread spectrum operation in Master mode
8.3.3 Frequency hopping (Master mode)
Frequency hopping is a technique used to change the oscillator frequency for AM tuner
compatibility. In Master mode, the resistor connected between pins OSCSET and AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com