Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599B Datasheet(PDF) 1 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 1 Page - NXP Semiconductors

  TDF8599B Datasheet HTML 1Page - NXP Semiconductors TDF8599B Datasheet HTML 2Page - NXP Semiconductors TDF8599B Datasheet HTML 3Page - NXP Semiconductors TDF8599B Datasheet HTML 4Page - NXP Semiconductors TDF8599B Datasheet HTML 5Page - NXP Semiconductors TDF8599B Datasheet HTML 6Page - NXP Semiconductors TDF8599B Datasheet HTML 7Page - NXP Semiconductors TDF8599B Datasheet HTML 8Page - NXP Semiconductors TDF8599B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel
85 W/1 Ohm class-D power amplifier with load diagnostics
Rev. 2 — 23 August 2016
Product data sheet
1 General description
The TDF8599B is a dual Bridge-Tied Load (BTL) car audio amplifier comprising an
NDMOST-NDMOST output stage based on SOI BCDMOS technology. Low power
dissipation enables the TDF8599B high-efficiency, class-D amplifier to be used with a
smaller heat sink than those normally used with standard class-AB amplifiers.
The TDF8599B can operate in either non-I2C-bus mode or I2C-bus mode. When in I2C-
bus mode, DC load detection results and fault conditions can be easily read back from
the device. Up to 15 I2C-bus addresses can be selected depending on the value of the
external resistor connected to pins ADS and MOD.
When pin ADS is short circuited to ground, the TDF8599B operates in non-I2C-bus mode.
Switching between Operating mode and Mute mode in non-I2C-bus mode is only possible
using pins EN and SEL_MUTE.
2 Features
• High-efficiency
• Low quiescent current
• Operating voltage from 8 V to 24 V
• Two 4 Ω/2 Ω capable BTL channels or one 1 Ω capable BTL channel
• Differential inputs
• I2C-bus mode with 15 I2C-bus addresses or non-I2C-bus mode operation
• Clip detect
• Independent short circuit protection for each channel
• Advanced short circuit protection for load, GND and supply
• Load dump protection
• Thermal foldback and thermal protection
• DC offset protection
• Selectable AD or BD modulation
• Parallel channel mode for high-current drive capability
• Advanced clocking:
– Switchable oscillator clock source: internal for Master mode or external for Slave
mode
– Spread spectrum mode
– Phase staggering
– Frequency hopping
• No ‘pop noise’ caused by DC output offset voltage
• I2C-bus mode:
– DC load detection
– AC load detection


Similar Part No. - TDF8599B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599BTH NXP-TDF8599BTH Datasheet
339Kb / 54P
I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
More results

Similar Description - TDF8599B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDA1566 NXP-TDA1566 Datasheet
299Kb / 46P
I2C-bus controlled dual channel 46 W/2 OHM, single channel 92 W/1 OHM amplifier
Rev. 02-20 August 2007
TDA1566 PHILIPS-TDA1566_15 Datasheet
299Kb / 46P
I2C-bus controlled dual channel 46 W/2 W, single channel 92 W/1 W amplifier with load diagnostic features
Rev. 02-20 August 2007
TDF8599A PHILIPS-TDF8599A_15 Datasheet
520Kb / 55P
I2C-bus controlled dual channel 135 W/4 ?? single channel 250 W/2 ??class-D power amplifier with load diagnostics
Rev. 3-2 May 2013
logo
Texas Instruments
TAS6422-Q1 TI1-TAS6422-Q1 Datasheet
2Mb / 64P
75-W, 2-MHz Digital Input 2-Channel Automotive Class-D Audio Amplifier With Load-Dump Protection and I2C Diagnostics
TPA6404-Q1 TI1-TPA6404-Q1 Datasheet
778Kb / 9P
50-W, 2-MHz Analog Input -Channel Automotive Class-D Audio Amplifier With Load Dump Protection and I2C Diagnostics
TAS6421-Q1 TI1-TAS6421-Q1 Datasheet
570Kb / 5P
75-W, 2-MHz Digital Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump Protection and I2C Diagnostics
TAS5441-Q1 TI1-TAS5441-Q1 Datasheet
615Kb / 28P
TAS5441-Q1 22-W Analog Input 1-Channel Automotive Class-D Audio Amplifier with Load Dump and I2C Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com