Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599B Datasheet(PDF) 52 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 46Page - NXP Semiconductors TDF8599B Datasheet HTML 47Page - NXP Semiconductors TDF8599B Datasheet HTML 48Page - NXP Semiconductors TDF8599B Datasheet HTML 49Page - NXP Semiconductors TDF8599B Datasheet HTML 50Page - NXP Semiconductors TDF8599B Datasheet HTML 51Page - NXP Semiconductors TDF8599B Datasheet HTML 52Page - NXP Semiconductors TDF8599B Datasheet HTML 53Page - NXP Semiconductors TDF8599B Datasheet HTML 54Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 52 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
52 / 54
Tables
Tab. 1.
Quick reference data .........................................2
Tab. 2.
Table 2. Ordering information ........................... 2
Tab. 3.
Table 3. Pin description .................................... 4
Tab. 4.
I2C-bus mode operation ....................................7
Tab. 5.
Non-I2C-bus mode operation ............................7
Tab. 6.
Mode setting pin OSCIO ...................................8
Tab. 7.
Oscillator modes ............................................. 10
Tab. 8.
Operation mode selection with the MOD pin ....11
Tab. 9.
Overview of protection types ...........................14
Tab. 10. Overview of TDF8599B protection circuits
and amplifier states .........................................16
Tab. 11. Available data on pins DIAG and CLIP ........... 17
Tab. 12. Interpretation of DC load detection bits ........... 19
Tab. 13. I2C-bus write address selection using pins
MOD and ADS ................................................ 22
Tab. 14. Instruction byte descriptions ............................24
Tab. 15. Phase shift bit settings ....................................24
Tab. 16. Description of data bytes ................................ 25
Tab. 17. Limiting values ................................................ 26
Tab. 18. Table 18. Thermal characteristics ................... 27
Tab. 19. Static characteristics ....................................... 27
Tab. 20. Switching characteristics ................................. 30
Tab. 21. Dynamic characteristics .................................. 31
Tab. 22. Filter component values .................................. 35
Tab. 23. SnPb eutectic process (from J-STD-020C) ..... 47
Tab. 24. Lead-free process (from J-STD-020C) ............ 47
Tab. 25. Table 25. Abbreviations .................................. 49
Tab. 26. Table 26. Revision history ...............................49
Figures
Fig. 1.
Block diagram ................................................... 3
Fig. 2.
Heatsink up (top view) pin configuration
TDF8599BTH .................................................... 4
Fig. 3.
Mode selection .................................................. 6
Fig. 4.
Clock frequency as a function of Rosc ..............8
Fig. 5.
Master and slave configuration ......................... 8
Fig. 6.
Spread spectrum mode .....................................9
Fig. 7.
Spread spectrum operation in Master mode ......9
Fig. 8.
Phase lock operation ...................................... 10
Fig. 9.
AD/BD modulation switching circuit .................12
Fig. 10.
AD modulation .................................................12
Fig. 11.
BD modulation .................................................12
Fig. 12.
Master and slave operation with 1/2 π phase
shift ..................................................................13
Fig. 13.
Parallel mode .................................................. 13
Fig. 14.
DC offset protection and diagnostic output ......15
Fig. 15.
Diagnostic output for short circuit conditions ....17
Fig. 16.
DC load detection circuit ................................. 18
Fig. 17.
DC load detection procedure .......................... 18
Fig. 18.
DC load detection limits .................................. 18
Fig. 19.
Recommended start-up sequence with DC
load detection enabled ....................................20
Fig. 20.
Start-up and shutdown timing in I2C-bus
mode with DC load detection .......................... 21
Fig. 21.
Start-up and shutdown timing in non-I2C-
bus mode ........................................................ 22
Fig. 22.
I2C-bus start and stop conditions ....................23
Fig. 23.
Data bits sent from Master microprocessor
(Mµp) ............................................................... 23
Fig. 24.
I2C-bus write ................................................... 23
Fig. 25.
I2C-bus read ................................................... 23
Fig. 26.
Po as a function of VP in stereo mode with
THD = 0.5 % ...................................................33
Fig. 27.
Po as a function of VP in stereo mode with
THD = 10 % ....................................................33
Fig. 28.
Po as a function of VP in stereo mode with
THD = 0.5 % ...................................................34
Fig. 29.
Po as a function of VP in stereo mode with
THD = 10 % ....................................................34
Fig. 30.
THD + N as a function of output power with
a 2 Ω load; VP = 14.4 V ................................. 36
Fig. 31.
THD + N as a function of output power with
a 4 Ω load; VP = 14.4 V ................................. 36
Fig. 32.
THD + N as a function of output power with
a 2 Ω load; VP = 24 V .................................... 36
Fig. 33.
THD + N as a function of output power with
a 4 Ω load; VP = 24 V .................................... 36
Fig. 34.
THD + N as a function of frequency with a
2 Ω load; VP = 14.4 V; BD modulation ............37
Fig. 35.
THD + N as a function of frequency with a
4 Ω load; VP = 14.4 V; BD modulation ............37
Fig. 36.
THD + N as a function of frequency with a
2 Ω load, BD modulation; VP = 24 V ...............37
Fig. 37.
Gain as a function of frequency ...................... 37
Fig. 38.
Output power as a function of supply voltage
with a 2 Ω load ............................................... 38
Fig. 39.
Output power as a function of supply voltage
with a 4 Ω load ............................................... 38
Fig. 40.
Channel separation as a function of
frequency with 1 W output power, BD
modulation .......................................................38
Fig. 41.
Channel separation as a function of
frequency with 10 W output power, BD
modulation .......................................................38
Fig. 42.
Power dissipation as a function of total
output power with both channels driven; VP
= 14.4 V .......................................................... 39
Fig. 43.
Efficiency as a function of total output power
with both channels driven; VP = 14.4 V ...........39
Fig. 44.
Power dissipation as a function of total
output power with both channels driven; VP
= 24 V ............................................................. 39
Fig. 45.
Efficiency as a function of total output power
with both channels driven; VP = 24 V ............. 39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com