Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599B Datasheet(PDF) 36 Page - NXP Semiconductors

Part # TDF8599B
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599B Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button TDF8599B Datasheet HTML 32Page - NXP Semiconductors TDF8599B Datasheet HTML 33Page - NXP Semiconductors TDF8599B Datasheet HTML 34Page - NXP Semiconductors TDF8599B Datasheet HTML 35Page - NXP Semiconductors TDF8599B Datasheet HTML 36Page - NXP Semiconductors TDF8599B Datasheet HTML 37Page - NXP Semiconductors TDF8599B Datasheet HTML 38Page - NXP Semiconductors TDF8599B Datasheet HTML 39Page - NXP Semiconductors TDF8599B Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
36 / 54
14.6 Curves measured in reference design
001aak229
Po (W)
10- 1
102
10
1
10- 1
10- 2
10
1
102
THD + N
(%)
10- 3
(1)
(2)
(3)
VP = 14.4 V
(1) RL = 2 Ω at 6 kHz.
(2) RL = 2 Ω at 1 kHz.
(3) RL = 2 Ω at 100 Hz.
Figure 30. THD + N as a function of output power with a
2 Ω load; VP = 14.4 V
001aak231
Po (W)
10- 1
102
10
1
10- 1
10- 2
10
1
102
THD + N
(%)
10- 3
(1)
(2)
(3)
VP = 14.4 V
(1) RL = 4 Ω at 6 kHz.
(2) RL = 4 Ω at 1 kHz.
(3) RL = 4 Ω at 100 Hz.
Figure 31. THD + N as a function of output power with a
4 Ω load; VP = 14.4 V
001aak232
10- 1
10- 2
10
1
102
THD + N
(%)
10- 3
Po (W)
10- 1
103
102
1
10
(1)
(2)
(3)
VP = 24 V
(1) RL = 2 Ω at 6 kHz.
(2) RL = 2 Ω at 1 kHz.
(3) RL = 2 Ω at 100 Hz.
Figure 32. THD + N as a function of output power with a
2 Ω load; VP = 24 V
THD + N
(%)
001aak233
Po (W)
10- 1
102
10
1
10- 1
10- 2
10
1
102
10- 3
(1)
(2)
(3)
VP = 24 V
(1) RL = 4 Ω at 6 kHz.
(2) RL = 4 Ω at 1 kHz.
(3) RL = 4 Ω at 100 Hz.
Figure 33. THD + N as a function of output power with a
4 Ω load; VP = 24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com