Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599BTH Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 17Page - NXP Semiconductors TDF8599BTH Datasheet HTML 18Page - NXP Semiconductors TDF8599BTH Datasheet HTML 19Page - NXP Semiconductors TDF8599BTH Datasheet HTML 20Page - NXP Semiconductors TDF8599BTH Datasheet HTML 21Page - NXP Semiconductors TDF8599BTH Datasheet HTML 22Page - NXP Semiconductors TDF8599BTH Datasheet HTML 23Page - NXP Semiconductors TDF8599BTH Datasheet HTML 24Page - NXP Semiconductors TDF8599BTH Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
21 / 54
8.6.3 Start-up and shutdown sequence
To prevent switch on or switch off ‘pop noise’, a capacitor (CSVRR) connected to pin
SVRR is used to smooth start-up and shutdown. During start-up and shutdown, the
output voltage tracks the voltage on pin SVRR. Increasing CSVRR results in a longer start-
up and shutdown time. Enhanced pop noise performance is achieved by muting the
amplifier until the SVRR voltage reaches its final value and the outputs start switching.
The value of capacitor connected to pin SEL_MUTE (CON) determines the unmute and
mute timing. The voltage on pin SEL_MUTE determines the amplifier gain. Increasing
CON increases the unmute and mute times. In addition, a larger CON value increases the
DC load detection cycle.
When the amplifier is switched off with an I2C-bus command or by pulling pin EN LOW,
the amplifier is first muted and then capacitor (CSVRR) is discharged.
In Slave mode, the device enters the off state immediately after capacitor (CSVRR) is
discharged. In Master mode, the clock is kept active by an additional delay (td(2)) of
approximately 50 ms to allow slave devices to enter the off state.
When an external clock is connected to pin OSCIO (in Slave mode), the clock must
remain active during the shutdown sequence for delay (td(1)) to ensure that the slaved
TDF8599B devices are able to enter the off state.
001aai790
VDDA
DIAG
EN
ACGND
IB1[D0] and
IB2[D0] = 0
SEL_MUTE
SVRR
OUTn
td(2)
td(1)
td(mute-fgain)
mute delay
td(stb-mute)
twake
tdet(DCload)
td(3)
(1) Shutdown hold delay.
(2) Master mode shutdown delay.
(3) Shutdown delay.
Figure 20. Start-up and shutdown timing in I2C-bus mode with DC load detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com