Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599BTH Datasheet(PDF) 32 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 28Page - NXP Semiconductors TDF8599BTH Datasheet HTML 29Page - NXP Semiconductors TDF8599BTH Datasheet HTML 30Page - NXP Semiconductors TDF8599BTH Datasheet HTML 31Page - NXP Semiconductors TDF8599BTH Datasheet HTML 32Page - NXP Semiconductors TDF8599BTH Datasheet HTML 33Page - NXP Semiconductors TDF8599BTH Datasheet HTML 34Page - NXP Semiconductors TDF8599BTH Datasheet HTML 35Page - NXP Semiconductors TDF8599BTH Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
32 / 54
Symbol Parameter
Conditions
Min
Typ Max
Unit
ηpo
output power efficiency
Po = 20 W
-
90
-
%
[1]
Rs(L) is the sum of the inductor series resistance from the low-pass LC filter in the application together with all resistance from PCB traces or wiring
between the output pin of the TDF8599B and the inductor to the measurement point. LC filter dimensioning is L = 10 μH, C = 1 μF for 4 Ω load and L = 5
μH, C = 2.2 μF for 2 Ω load.
[2]
Output power is measured indirectly based on RDSon measurement.
[3]
Total harmonic distortion is measured at the bandwidth of 22 Hz to 20 kHz, AES brick wall. The maximum limit is guaranteed but may not be 100 %
tested.
[4]
Vripple = Vripple(max) = 2 V (p-p); Rs = 0 Ω.
[5]
B = 22 Hz to 20 kHz, AES brick wall, Rs = 0 Ω.
[6]
B = 22 Hz to 20 kHz, AES brick wall, independent of Rs.
[7]
Vi = Vi(max) = 0.5 V RMS.
14 Application information
14.1 Output power estimation (Stereo mode)
The output power, just before clipping, can be estimated using Equation 5:
(5)
Where,
• VP = supply voltage (V)
• RL = load impedance (Ω)
• RDSon = drain-source on-state resistance (Ω)
• Rs = series resistance of the output inductor (Ω)
• tw(min) = minimum pulse width(s) depending on output current (s)
• fosc = oscillator frequency in Hz (typically 320 kHz)
The output power at 10 % THD can be estimated by:
Po(2) = 1.25 × Po(1)
where Po(1) = 0.5 % and Po(2) = 10 %.
Figure 26 and Figure 27show the estimated output power at THD = 0.5 % and THD = 10
% as a function of supply voltage for different load impedances in stereo mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com