Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599BTH Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 3 Page - NXP Semiconductors

  TDF8599BTH Datasheet HTML 1Page - NXP Semiconductors TDF8599BTH Datasheet HTML 2Page - NXP Semiconductors TDF8599BTH Datasheet HTML 3Page - NXP Semiconductors TDF8599BTH Datasheet HTML 4Page - NXP Semiconductors TDF8599BTH Datasheet HTML 5Page - NXP Semiconductors TDF8599BTH Datasheet HTML 6Page - NXP Semiconductors TDF8599BTH Datasheet HTML 7Page - NXP Semiconductors TDF8599BTH Datasheet HTML 8Page - NXP Semiconductors TDF8599BTH Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
3 / 54
6 Block diagram
001aak214
PWM
CONTROL
TDF8599B
DRIVER
HIGH
STABI1
5 V STABI
STABI2
VP1
OUT1N
BOOT1P
OUT1P
OUT2N
BOOT2P
OUT2P
VSTAB2
33
VSTAB1
34
24
31
10
9
1
2
5
3
4
8
AGND
SVRR
IN1P
IN1N
ACGND
IN2P
IN2N
VP2
VP1
VDDA
32
29
28
23
22
26
27
PGND1
VP1
PGND1
+
DRIVER
LOW
PWM
CONTROL
DRIVER
HIGH
DRIVER
LOW
BOOT1N
BOOT2N
PWM
CONTROL
DRIVER
HIGH
VP2
PGND2
VP2
PGND2
DRIVER
LOW
PWM
CONTROL
DRIVER
HIGH
DRIVER
LOW
OSCILLATOR
18
OSCSET
19
OSCIO
17
SSM
12
MOD
MODE
SELECT
+
I2C-BUS
DIAGNOSTICS
PROTECTION
OVP, OCP, OTP
UVP, TFP,
WP, DCP
GNDD/HW
CLIP DCP
6
EN
7
SEL_MUTE
16
SCL
15
SDA
11
36
DIAG
14
13
20
ADS
PGND1
30
PGND2
25
35
VDDD
21
Figure 1. Block diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com