Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599BTH Datasheet(PDF) 49 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 45Page - NXP Semiconductors TDF8599BTH Datasheet HTML 46Page - NXP Semiconductors TDF8599BTH Datasheet HTML 47Page - NXP Semiconductors TDF8599BTH Datasheet HTML 48Page - NXP Semiconductors TDF8599BTH Datasheet HTML 49Page - NXP Semiconductors TDF8599BTH Datasheet HTML 50Page - NXP Semiconductors TDF8599BTH Datasheet HTML 51Page - NXP Semiconductors TDF8599BTH Datasheet HTML 52Page - NXP Semiconductors TDF8599BTH Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
49 / 54
18 Abbreviations
Table 25. Table 25. Abbreviations
Abbreviation
Description
BCDMOS
Bipolar Complementary and double Diffused Metal-Oxide Semiconductor
BTL
Bridge-Tied Load
DCP
DC offset Protection
DMOST
double Diffused Metal-Oxide Semiconductor Transistor
EMI
ElectroMagnetic Interference
I2C
Inter-Integrated Circuit
LSB
Least Significant Bit
Mμp
Master microprocessor
MSB
Most Significant Bit
NDMOST
N-type double Diffused Metal-Oxide Semiconductor Transistor
OCP
OverCurrent Protection
OTP
OverTemperature Protection
OVP
OverVoltage Protection
POR
Power-On Reset
PWM
Pulse-Width Modulation
SOI
Silicon On Insulator
TFP
Thermal Foldback Protection
UVP
UnderVoltage Protection
WP
Window Protection
19 Revision history
Table 26. Table 26. Revision history
Document ID
Release date Data sheet status
Change notice Supersedes
TDF8599B v.2
20160823
Product data sheet
-
TDF8599B v.1
Modifications:
• corrected "2 Ohm" typo in title
TDF8599B v.1
20090729
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com