Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599BTH Datasheet(PDF) 39 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 35Page - NXP Semiconductors TDF8599BTH Datasheet HTML 36Page - NXP Semiconductors TDF8599BTH Datasheet HTML 37Page - NXP Semiconductors TDF8599BTH Datasheet HTML 38Page - NXP Semiconductors TDF8599BTH Datasheet HTML 39Page - NXP Semiconductors TDF8599BTH Datasheet HTML 40Page - NXP Semiconductors TDF8599BTH Datasheet HTML 41Page - NXP Semiconductors TDF8599BTH Datasheet HTML 42Page - NXP Semiconductors TDF8599BTH Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
39 / 54
001aak246
Po (W)
0
60
40
20
10
15
5
20
25
PD
(W)
0
(1)
(2)
VP = 14.4 V
(1) RL = 2 Ω
(2) RL = 4 Ω
Figure 42. Power dissipation as a function of total output
power with both channels driven; VP = 14.4 V
001aak247
Po (W)
0
60
40
20
40
60
20
80
100
η
(%)
0
(1)
(2)
VP = 14.4 V
(1) RL = 4 Ω
(2) RL = 2 Ω
Figure 43. Efficiency as a function of total output power
with both channels driven; VP = 14.4 V
Po (W)
0
120
80
40
001aak248
20
40
60
PD
(W)
0
(1)
(2)
VP = 24 V
(1) RL = 2 Ω
(2) RL = 4 Ω
Figure 44. Power dissipation as a function of total output
power with both channels driven; VP = 24 V
001aak249
Po (W)
0
120
80
40
40
60
20
80
100
η
(%)
0
(1)
(2)
VP = 24 V
(1) RL = 4 Ω
(2) RL = 2 Ω
Figure 45. Efficiency as a function of total output power
with both channels driven; VP = 24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com