Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599BTH Datasheet(PDF) 35 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 31Page - NXP Semiconductors TDF8599BTH Datasheet HTML 32Page - NXP Semiconductors TDF8599BTH Datasheet HTML 33Page - NXP Semiconductors TDF8599BTH Datasheet HTML 34Page - NXP Semiconductors TDF8599BTH Datasheet HTML 35Page - NXP Semiconductors TDF8599BTH Datasheet HTML 36Page - NXP Semiconductors TDF8599BTH Datasheet HTML 37Page - NXP Semiconductors TDF8599BTH Datasheet HTML 38Page - NXP Semiconductors TDF8599BTH Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
35 / 54
Table 22. Filter component values
Load impedance (Ω)
LLC (μH)
CLC (μF)
1
2.5
4.4
2
5
2.2
4
10
1
Remark: When using a 1 Ω load impedance in Parallel mode, the outputs are shorted
after the low-pass filter switches two 2 Ω filters in parallel.
14.5 Heat sink requirements
In most applications, it is necessary to connect an external heat sink to the TDF8599B.
Thermal foldback activates at Tj = 140 °C. The expression below shows the relationship
between the maximum power dissipation before activation of thermal foldback and the
total thermal resistance from junction to ambient:
(7)
Pmax is determined by the efficiency (η) of the TDF8599B. The efficiency measured as a
function of output power is given in Figure 43. The power dissipation can be derived as a
function of output power (see Figure 42).
Example 1:
• VP = 14.4 V
• Po = 2 × 25 W into 4 Ω (THD = 10 % continuous)
• Tj(max) = 140 °C
• Tamb = 25 °C
• Pmax = 5.8 W (from Figure 42)
• The required Rth(j-a) = 115 °C / 5.8 W = 19 K/W
The total thermal resistance Rth(j-a) consists of: Rth(j-c) + Rth(c-h) + Rth(h-a)
Where:
• Thermal resistance from junction to case (Rth(j-c)) = 1 K/W
• Thermal resistance from case to heat sink (Rth(c-h)) = 0.5 K/W to 1 K/W (depending on
mounting)
• Thermal resistance from heat sink to ambient (Rth(h-a)) would then be 19 - (1 + 1) = 17
K/W.
If an audio signal has a crest factor of 10 (the ratio between peak power and average
power = 10 dB) then Tj will be much lower.
Example 2:
• VP = 14.4 V
• Po = 2 × (25 W / 10) = 2 × 2.5 W into 4 Ω (audio with crest factor of 10)
• Tamb = 25 °C
• Pmax = 2.5 W
• Rth(j-a) = 19 K/W
• Tj(max) = 25 °C + (2.5 W × 19 K/W) = 72 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com