Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDF8599BTH Datasheet(PDF) 23 Page - NXP Semiconductors

Part # TDF8599BTH
Description  I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with load diagnostics
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8599BTH Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button TDF8599BTH Datasheet HTML 19Page - NXP Semiconductors TDF8599BTH Datasheet HTML 20Page - NXP Semiconductors TDF8599BTH Datasheet HTML 21Page - NXP Semiconductors TDF8599BTH Datasheet HTML 22Page - NXP Semiconductors TDF8599BTH Datasheet HTML 23Page - NXP Semiconductors TDF8599BTH Datasheet HTML 24Page - NXP Semiconductors TDF8599BTH Datasheet HTML 25Page - NXP Semiconductors TDF8599BTH Datasheet HTML 26Page - NXP Semiconductors TDF8599BTH Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
NXP Semiconductors
TDF8599B
I2C-bus controlled dual channel 43 W/2 Ohm, single channel 85 W/1 Ohm class-D power amplifier with
load diagnostics
TDF8599B
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2016. All rights reserved.
Product data sheet
Rev. 2 — 23 August 2016
23 / 54
In non-I2C mode or when IB3[D7] = 0, the information on the MOD and ADS pins is
latched when one of the TDF8599B’s outputs starts switching.
STOP
START
001aai792
SCL
SDA
Mµp
SLAVE
(1)
(1) When SCL is HIGH, SDA changes to form the start or
stop condition.
Figure 22. I2C-bus start and stop conditions
SCL
SDA
001aai793
(2)
(1)
Mµp
SLAVE
(1) SDA is allowed to change.
(2) All data bits must be valid on the positive edges of SCL.
Figure 23. Data bits sent from Master microprocessor
(Mµp)
001aai794
LSB + 1
LSB + 1
LSB
MSB - 1
MSB
MSB - 1
MSB
ACK
ACK
ACK(1)
ACK
STOP
WRITE DATA
WRITE
START
ADDRESS
1
2
7
8
9
7
8
9
1
2
SCL
SDA
Mµp
SLAVE
(1) To stop the transfer after the last acknowledge a stop condition must be generated.
Figure 24. I2C-bus write
001aai795
LSB + 1
LSB + 1
LSB
MSB - 1
MSB
MSB - 1
MSB
ACK
ACK(1)
ACKNOWLEDGE
STOP
READ DATA
READ
START
ADDRESS
1
2
7
8
9
7
8
9
1
2
SCL
SDA
Mµp
SLAVE
(1) To stop the transfer, the last byte must not be acknowledged (SDA is HIGH) and a stop condition must be generated.
Figure 25. I2C-bus read
9.1 Instruction bytes
If R/W bit = 0, the TDF8599B expects three instruction bytes: IB1, IB2 and IB3. After a
power-on reset, all unspecified instruction bits must be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com